Electronic Components Datasheet Search
  English  ▼

X  

ISL6550 Datasheet (PDF) - Intersil Corporation

ISL6550 Datasheet PDF - Intersil Corporation
Part # ISL6550
Download  ISL6550 Download
File Size   287.85 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description SAM Supervisor And Monitor

ISL6550 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6550 Datasheet PDF - Intersil Corporation

Part # ISL6550
Download  ISL6550 Click to download

File Size   287.85 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description SAM Supervisor And Monitor

ISL6550 Datasheet (HTML) - Intersil Corporation


ISL6550 Product details

SAM (Supervisor And Monitor)

The ISL6550 is a precision, flexible, VID-code-controlled reference and voltage monitor for high-end microprocessor and memory power supplies. It monitors various input signals, and supervises the system (typically a DC/DC converter) with its output signals. See the Block Diagram for reference.

Features
• 12V supply operation
• 5V reference output
• 5-bit digital-to-analog converter
• Programmable DAC Range, within 0.8–5.0V
• Programmable undervoltage and overvoltage thresholds, and latched fault detection
• Optional delayed undervoltage (programmable with external capacitor)
• Undervoltage lockout (power-on-reset)
• Status Indicators (START, PGOOD)
• Uncommitted operational amplifier
• Compatible with ISL6551 full bridge controller
• 20 Lead SOIC and 20 lead QFN (5x5) packages

Applications
• Power Supplies for High End Microprocessors and Servers
• Can be paired with the ISL6551 FBC for a complete full bridge 48V-input converter, or used independently




Similar Part No. - ISL6550

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
ZVS Full Bridge PWM Controller
July 8, 2005
ISL6551 INTERSIL-ISL6551 Datasheet
616Kb / 26P
ZVS Full Bridge PWM Controller
January 3, 2006
logo
Renesas Technology Corp
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
ZVS Full Bridge PWM Controller
Oct 28, 2015
logo
Intersil Corporation
ISL6551AB INTERSIL-ISL6551AB Datasheet
619Kb / 26P
ZVS Full Bridge PWM Controller
July 8, 2005
ISL6551AB-T INTERSIL-ISL6551AB-T Datasheet
619Kb / 26P
ZVS Full Bridge PWM Controller
July 8, 2005
More results


Similar Description - ISL6550

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
March 28, 2005
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Linear Technology
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Microchip Technology
TC32M MICROCHIP-TC32M_13 Datasheet
155Kb / 14P
ECONOMONITOR????3-Pin System Supervisor with Power Supply Monitor and Watchdog
11/27/12 2001-2012
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
logo
Texas Instruments
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Texas Instruments
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com