Electronic Components Datasheet Search
  English  ▼

X  

ICL7667CTV Datasheet (PDF) - Intersil Corporation

ICL7667CTV Datasheet PDF - Intersil Corporation
Part # ICL7667CTV
Download  ICL7667CTV Download
File Size   64.42 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Power MOSFET Driver

ICL7667CTV Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7667CTV Datasheet PDF - Intersil Corporation

Part # ICL7667CTV
Download  ICL7667CTV Click to download

File Size   64.42 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Power MOSFET Driver

ICL7667CTV Datasheet (HTML) - Intersil Corporation


ICL7667CTV Product details

The ICL7667 is a dual monolithic high-speed driver designed to convert TTL level signals into high current outputs at voltages up to 15V. Its high speed and current output enable it to drive large capacitive loads with high slew rates and low propagation delays. With an output voltage swing only millivolts less than the supply voltage and a maximum supply voltage of 15V, the ICL7667 is well suited for driving power MOSFETs in high frequency switched mode power converters. The ICL7667’s high current outputs minimize power losses in the power MOSFETs by rapidly charging and discharging the gate capacitance. The ICL7667’s inputs are TTL compatible and can be directly driven by common pulse-width modulation control ICs.

Features
• Fast Rise and Fall Times
   - 30ns with 1000pF Load
• Wide Supply Voltage Range
   - VCC = 4.5V to 15V
• Low Power Consumption
- 4mW with Inputs Low
- 20mW with Inputs High
• TTL/CMOS Input Compatible Power Driver
   - ROUT = 7Ω Typ
• Direct Interface with Common PWM Control ICs
• Pin Equivalent to DS0026/DS0056; TSC426

Applications
• Switching Power Supplies
• DC/DC Converters
• Motor Controllers




Similar Part No. - ICL7667CTV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7667CBA MAXIM-ICL7667CBA Datasheet
143Kb / 4P
Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Intersil Corporation
ICL7667CBA INTERSIL-ICL7667CBA Datasheet
195Kb / 8P
Dual Power MOSFET Driver
April 4, 2006
logo
Renesas Technology Corp
ICL7667CBA RENESAS-ICL7667CBA Datasheet
567Kb / 11P
Dual Power MOSFET Driver
logo
Intersil Corporation
ICL7667CBA-T INTERSIL-ICL7667CBA-T Datasheet
195Kb / 8P
Dual Power MOSFET Driver
April 4, 2006
ICL7667CBAZA INTERSIL-ICL7667CBAZA Datasheet
195Kb / 8P
Dual Power MOSFET Driver
April 4, 2006
More results


Similar Description - ICL7667CTV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75372 TI-SN75372 Datasheet
164Kb / 11P
DUAL MOSFET DRIVER
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667_06 Datasheet
195Kb / 8P
Dual Power MOSFET Driver
April 4, 2006
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
Dual MOSFET Driver
logo
Intersil Corporation
ICL7667CBAZA-T INTERSIL-ICL7667CBAZA-T Datasheet
330Kb / 10P
Dual Power MOSFET Driver
April 29, 2010
logo
Texas Instruments
SN75372PSR TI1-SN75372PSR Datasheet
735Kb / 19P
DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
Dual Power MOSFET Driver
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
Dual MOSFET Driver
logo
Maxim Integrated Produc...
MAX626 MAXIM-MAX626_V01 Datasheet
26Kb / 3P
DUAL POWER MOSFET DRIVER
2000
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
DUAL MOSFET DRIVER
JULY 1986
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com