Electronic Components Datasheet Search
  English  ▼

X  

76137S Datasheet (PDF) - Intersil Corporation

76137S Datasheet PDF - Intersil Corporation
Part # 76137S
Download  76137S Download
File Size   108.87 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs

76137S Datasheet (PDF)

Go To PDF Page Download Datasheet
76137S Datasheet PDF - Intersil Corporation

Part # 76137S
Download  76137S Click to download

File Size   108.87 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs

76137S Datasheet (HTML) - Intersil Corporation


76137S Product details

These N-Channel power MOSFETs are manufactured using the innovative UltraFET™ process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge. It was designed for use in applications where power efficiency is important, such as switching regulators, switching converters, motor drivers, relay drivers, lowvoltage bus switches, and power management in portable and battery-operated products.

Features
• Logic Level Gate Drive
• 56A, 30V
• Ultra Low On-Resistance, rDS(ON) = 0.016Ω
• Temperature Compensating PSPICE® Model
• Temperature Compensating SABER© Model
• Thermal Impedance SPICE Model
• Thermal Impedance SABER Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
    - TB334, “Guidelines for Soldering Surface Mount
        Components to PC Boards”




Similar Part No. - 76137S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
76137S FAIRCHILD-76137S Datasheet
289Kb / 11P
56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Similar Description - 76137S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76121D3 FAIRCHILD-HUF76121D3 Datasheet
281Kb / 11P
20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76129D3 FAIRCHILD-HUF76129D3 Datasheet
282Kb / 11P
20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76129P3 FAIRCHILD-HUF76129P3 Datasheet
289Kb / 11P
56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
October 1999
HUF76129D3 INTERSIL-HUF76129D3 Datasheet
107Kb / 10P
20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
September 1999
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
September 1999
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
September 1999
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
September 1999
logo
Suntac Electronic Corp.
S76121P SUNTAC-S76121P Datasheet
979Kb / 7P
47A, 30V, 0.021 OHM, N-CHANNEL, LOGIC LEVEL ULTRAFET POWER MOSFETS
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com