Electronic Components Datasheet Search
  English  ▼

X  

75229P Datasheet (PDF) - Intersil Corporation

75229P Datasheet PDF - Intersil Corporation
Part # 75229P
Download  75229P Download
File Size   135.73 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET

75229P Datasheet (PDF)

Go To PDF Page Download Datasheet
75229P Datasheet PDF - Intersil Corporation

Part # 75229P
Download  75229P Click to download

File Size   135.73 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET

75229P Datasheet (HTML) - Intersil Corporation


75229P Product details

This N-Channel power MOSFET is manufactured using the innovative UltraFET™ process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge. It was designed for use in applications where power efficiency is important, such as switching regulators, switching converters, motor drivers, relay drivers, low voltage bus switches, and power management in portable and battery-operated products.

Features
• 44A, 50V
• Low On-Resistance, rDS(ON) = 0.022Ω
• Temperature Compensating PSPICE Model
• Thermal Impedance SPICE Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
   - TB334, “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - 75229P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
75229P FAIRCHILD-75229P Datasheet
220Kb / 9P
44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
More results


Similar Description - 75229P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD3672 FAIRCHILD-FDD3672 Datasheet
233Kb / 11P
N-Channel UltraFET Trench MOSFET 100V, 44A, 28m?
HRFZ44N FAIRCHILD-HRFZ44N Datasheet
193Kb / 10P
49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
HUF75229P3 FAIRCHILD-HUF75229P3 Datasheet
220Kb / 9P
44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
HUF75637P3 FAIRCHILD-HUF75637P3 Datasheet
201Kb / 10P
44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUF76429P3 FAIRCHILD-HUF76429P3 Datasheet
207Kb / 10P
44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUFA76429P3 FAIRCHILD-HUFA76429P3 Datasheet
208Kb / 10P
44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HRFZ44N INTERSIL-HRFZ44N Datasheet
134Kb / 9P
49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
1999 06
HUF75637P3 INTERSIL-HUF75637P3 Datasheet
332Kb / 9P
44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
1999 10
HUF76429P3 INTERSIL-HUF76429P3 Datasheet
332Kb / 9P
44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com