Electronic Components Datasheet Search
  English  ▼

X  

HM-6516 Datasheet (PDF) - Intersil Corporation

HM-6516 Datasheet PDF - Intersil Corporation
Part # HM-6516
Download  HM-6516 Download
File Size   31.93 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2K x 8 CMOS RAM

HM-6516 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM-6516 Datasheet PDF - Intersil Corporation

Part # HM-6516
Download  HM-6516 Click to download

File Size   31.93 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2K x 8 CMOS RAM

HM-6516 Datasheet (HTML) - Intersil Corporation


HM-6516 Product details

Description

The HM-6516 is a CMOS 2048 x 8 Static Random Access Memory. Extremely low power operation is achieved by the use of complementary MOS design techniques. This low power is further enhanced by the use of synchronous circuit techniques that keep the active (operating) power low, which also gives fast access times. The pinout of the HM-6516 is the popular 24 pin, 8-bit wide JEDEC standard, which allows easy memory board layouts, flexible enough to accommodate a variety of PROMs, RAMS, EPROMs, and ROMs.



Features

• Low Power Standby . . . . . . . . . . . . . . . . . . . 275µW Max

• Low Power Operation . . . . . . . . . . . . . 55mW/MHz Max

• Fast Access Time. . . . . . . . . . . . . . . . . . 120/200ns Max

• Industry Standard Pinout

• Single Supply . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0V VCC

• TTL Compatible

• Static Memory Cells

• High Output Drive

• On-Chip Address Latches

• Easy Microprocessor Interfacing



 




Similar Part No. - HM-6516

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM-6516 RENESAS-HM-6516 Datasheet
84Kb / 6P
2K x 8 CMOS RAM
March 1997
logo
Intersil Corporation
HM-6516/883 INTERSIL-HM-6516/883 Datasheet
201Kb / 8P
2K x 8 CMOS RAM
March 1997
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
Renesas Technology Corp
HM-65162 RENESAS-HM-65162 Datasheet
403Kb / 9P
2kx8 Asynchronous CMOS Static RAM
March 1997
logo
Intersil Corporation
HM-65162/883 INTERSIL-HM-65162/883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
More results


Similar Description - HM-6516

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Intersil Corporation
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
2K x 8 Static RAM
logo
Intersil Corporation
HM-6516883 INTERSIL-HM-6516883 Datasheet
201Kb / 8P
2K x 8 CMOS RAM
March 1997
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
TEMIC Semiconductors
M67132 TEMIC-M67132 Datasheet
707Kb / 15P
2K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
2K x 8 Static RAM
logo
Renesas Technology Corp
HM-6516 RENESAS-HM-6516 Datasheet
84Kb / 6P
2K x 8 CMOS RAM
March 1997
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com