Electronic Components Datasheet Search
  English  ▼

X  

HI5828 Datasheet (PDF) - Intersil Corporation

HI5828 Datasheet PDF - Intersil Corporation
Part # HI5828
Download  HI5828 Download
File Size   119.09 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit, 125MSPS, CommLink??Dual High Speed CMOS D/A (2.7V-5.5V)

HI5828 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5828 Datasheet PDF - Intersil Corporation

Part # HI5828
Download  HI5828 Click to download

File Size   119.09 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit, 125MSPS, CommLink??Dual High Speed CMOS D/A (2.7V-5.5V)

HI5828 Datasheet (HTML) - Intersil Corporation


HI5828 Product details

12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)

The HI5828 is a Dual 12-bit, 130MSPS (Mega Samples Per Second), high speed, low power, D/A converter which is implemented in an advanced CMOS process. Operating from a single +3V to +5V supply, the converter provides 20mA of full scale output current and includes edge-triggered CMOS input data latches. Low glitch energy and excellent frequency domain performance is achieved by the HI5828’s segmented current source architecture.

Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . . 130MSPS
• Low Power . . . . .312mW at 5V, 46mW at 3V (at 60MSPS)
• Integral Linearity Error . . . . . . . . . . . . . . . . . . . ±0.75 LSB (Typ)
• Adjustable Full Scale Output Current. . . . . . 2mA to 20mA
• Internal 1.2V Bandgap Voltage Reference
• Single or Dual Power Supply from +3V to +5V
• Power Down Mode
• CMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range (76dBc, fS = 50MSPS, fOUT = 2.51MHz)
• Excellent Multitone Intermodulation Distortion

Applications
• Basestations (Cellular, WLL)
• Quadrature Modulation
• Wireless Communications Systems
• Direct Digital Frequency Synthesis
• Signal Reconstruction
• Medical/Test Instrumentation
• High Resolution Imaging Systems
• Arbitrary Waveform Generators




Similar Part No. - HI5828

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5828 INTERSIL-HI5828 Datasheet
283Kb / 12P
12-Bit, 125MSPS, CommLink??Dual High Speed CMOS D/A (2.7V-5.5V)
April 2001
logo
Renesas Technology Corp
HI5828 RENESAS-HI5828 Datasheet
552Kb / 12P
12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)
logo
Intersil Corporation
HI5828EVAL2 INTERSIL-HI5828EVAL2 Datasheet
283Kb / 12P
12-Bit, 125MSPS, CommLink??Dual High Speed CMOS D/A (2.7V-5.5V)
April 2001
logo
Renesas Technology Corp
HI5828EVAL2 RENESAS-HI5828EVAL2 Datasheet
552Kb / 12P
12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)
logo
Intersil Corporation
HI5828IN INTERSIL-HI5828IN Datasheet
283Kb / 12P
12-Bit, 125MSPS, CommLink??Dual High Speed CMOS D/A (2.7V-5.5V)
April 2001
More results


Similar Description - HI5828

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9752 AD-AD9752 Datasheet
364Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.0
AD9762 AD-AD9762 Datasheet
414Kb / 23P
12-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD97651 AD-AD97651 Datasheet
472Kb / 28P
12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
logo
Intersil Corporation
HI5721 INTERSIL-HI5721 Datasheet
205Kb / 14P
10-Bit, 125 MSPS, High Speed D/A Converter
June 1999
ISL5829 INTERSIL-ISL5829 Datasheet
761Kb / 13P
Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
February 2002
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
May 2004
HI5828 INTERSIL-HI5828_01 Datasheet
283Kb / 12P
12-Bit, 125MSPS, CommLink??Dual High Speed CMOS D/A (2.7V-5.5V)
April 2001
logo
Analog Devices
AD9752ARUZ AD-AD9752ARUZ Datasheet
361Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD10226 AD-AD10226_15 Datasheet
984Kb / 20P
Dual-Channel, 12-Bit 125 MSPS
REV. 0
logo
Renesas Technology Corp
HI5828 RENESAS-HI5828 Datasheet
552Kb / 12P
12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com