Electronic Components Datasheet Search
  English  ▼

X  

HI5630 Datasheet (PDF) - Intersil Corporation

HI5630 Datasheet PDF - Intersil Corporation
Part # HI5630
Download  HI5630 Download
File Size   125.12 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference

HI5630 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5630 Datasheet PDF - Intersil Corporation

Part # HI5630
Download  HI5630 Click to download

File Size   125.12 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference

HI5630 Datasheet (HTML) - Intersil Corporation


HI5630 Product details

The HI5630 is a monolithic, triple 8-bit, 80MSPS analog-to-digital converter fabricated in an advanced CMOS process. It is designed for digitizing RGB graphics from work stations and personal computers. The HI5630 reaches a new level of multi-channel integration. The fully pipeline architecture and an innovative input stage enable the HI5630 to accept a variety of single-ended or fully differential input configurations which present valid data to the output bus with a latency of 5 clock cycles.

Features
• Triple 8-Bit A/D Converter on a Monolithic Chip
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . . . . . .80MSPS
• ENOB (fIN = 1MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.6
• Wide Full Power Input Bandwidth. . . . . . . . . . . . . 300MHz
• Internal Band-Gap Voltage Reference . . . . . . . . . . . . 2.5V
• Excellent Channel-to-Channel Isolation . . . . . . . . . >75dB
• Single Supply Voltage Operation . . . . . . . . . . . . . . . . +5V
• On-Chip Sample and Hold Amplifiers
• Clock Output
• Offset Binary or Two’s Complement Output Format
• Stand-By Low Power mode

Applications
• LCD Monitors, Projectors and Plasma Display Panels
• Video Digitizing (RGB, Composite or Y-C)
• Medical Imaging
• High Speed Multi-Channel Data Acquisition




Similar Part No. - HI5630

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5630/8CN INTERSIL-HI5630/8CN Datasheet
667Kb / 13P
Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
March 2003
HI5630EVAL1 INTERSIL-HI5630EVAL1 Datasheet
667Kb / 13P
Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
March 2003
HI5630 INTERSIL-HI5630_03 Datasheet
667Kb / 13P
Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
March 2003
More results


Similar Description - HI5630

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3300 INTERSIL-HI3300 Datasheet
174Kb / 16P
3V 10-Bit, 20MSPS A/D Converter with Internal Voltage Reference
March 2000
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
HI5667 INTERSIL-HI5667 Datasheet
262Kb / 10P
8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
HI5667 INTERSIL-HI5667 Datasheet
252Kb / 10P
8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
HI5630 INTERSIL-HI5630_03 Datasheet
667Kb / 13P
Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
March 2003
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
January 22, 2010
HI57626INZ INTERSIL-HI57626INZ Datasheet
286Kb / 16P
Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5662 RENESAS-HI5662 Datasheet
693Kb / 15P
Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com