Electronic Components Datasheet Search
  English  ▼

X  

IH5010 Datasheet (PDF) - Intersil Corporation

IH5010 Datasheet PDF - Intersil Corporation
Part # IH5010
Download  IH5010 Download
File Size   26.49 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Virtual Ground Analog Switch

IH5010 Datasheet (PDF)

Go To PDF Page Download Datasheet
IH5010 Datasheet PDF - Intersil Corporation

Part # IH5010
Download  IH5010 Click to download

File Size   26.49 Kbytes
Page   3 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Virtual Ground Analog Switch

IH5010 Datasheet (HTML) - Intersil Corporation


IH5010 Product details

Description

The IH5009 series of analog switches were designed to fill the need for an easy-to-use, inexpensive switch for both industrial and military applications. Although low cost is a primary design objective, performance and versatility have not been sacrificed.

Each package contains up to four channels of analog gating and is designed to eliminate the need for an external driver. The odd numbered devices are designed to be driven directly from TTL open collector logic (15 volts) while the even numbered devices are driven directly from low level TTL logic (5 volts). Each channel simulates a SPDT switch. SPST switch action is obtained by leaving the diode cathode unconnected; for SPDT action, the cathode should be grounded (0V). The parts are intended for high performance multiplexing and commutating usage. A logic “0” turns the channel ON and a logic “1” turns the channel OFF.



Features

• Switches Analog Signals Up to 20 Volts Peak-to-Peak

• Each Channel Complete - Interfaces with Most Integrated Logic

• Switching Speeds Less Than 0.5µs

• ID(OFF)Less Than 500pA Typical at 70oC

• Effective rDS(ON)- 5Ωto 50Ω

• Commercial and Military Temperature Range Operation

 




Similar Part No. - IH5010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IH5010 INTERSIL-IH5010 Datasheet
4Mb / 122P
P-CHANNEL JFET
IH5010 INTERSIL-IH5010 Datasheet
2Mb / 117P
Analog Switches and Multiplexers
More results


Similar Description - IH5010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2425 TI-TLE2425 Datasheet
230Kb / 16P
PRECISION VIRTUAL GROUND
TLE2426 TI-TLE2426 Datasheet
344Kb / 22P
THE RAIL SPLITTER PRECISION VIRTUAL GROUND
logo
List of Unclassifed Man...
FV-1REVERBIC ETC2-FV-1REVERBIC Datasheet
185Kb / 8P
Featuring Spin Semiconductor Virtual Analog Technology
logo
Texas Instruments
TLE2426-EP TI1-TLE2426-EP Datasheet
546Kb / 15P
RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426-Q1 TI1-TLE2426-Q1 Datasheet
235Kb / 15P
THE "RAIL SPLITTER" PRECISION VIRTUAL GROUND
TLE2425CLP TI-TLE2425CLP Datasheet
451Kb / 22P
PRECISION VIRTUAL GROUND
TLE2425CLP TI1-TLE2425CLP Datasheet
451Kb / 22P
PRECISION VIRTUAL GROUND
TLE2426IDRG4 TI1-TLE2426IDRG4 Datasheet
1Mb / 30P
THE RAIL SPLITTER PRECISION VIRTUAL GROUND
logo
Integrated Device Techn...
89HPES10T4G2 IDT-89HPES10T4G2 Datasheet
281Kb / 30P
One virtual channel
logo
Texas Instruments
TLE2426-EP TI1-TLE2426-EP_16 Datasheet
763Kb / 15P
RAIL SPLITTER PRECISION VIRTUAL GROUND
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com