Electronic Components Datasheet Search
  English  ▼

X  

IDT7204L120SO Datasheet (PDF) - Integrated Device Technology

IDT7204L120SO Datasheet PDF - Integrated Device Technology
Part # IDT7204L120SO
Download  IDT7204L120SO Download
File Size   147.4 Kbytes
Page   14 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9

IDT7204L120SO Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7204L120SO Datasheet PDF - Integrated Device Technology

Part # IDT7204L120SO
Download  IDT7204L120SO Click to download

File Size   147.4 Kbytes
Page   14 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9

IDT7204L120SO Datasheet (HTML) - Integrated Device Technology


IDT7204L120SO Product details

DESCRIPTION:
The IDT7203/7204/7205/7206/7207/7208 are dual-port memory buffers with internal pointers that load and empty data on a first-in/first-out basis. The device uses Full and Empty flags to prevent data overflow and underflow and expansion logic to allow for unlimited expansion capability in both word size and depth.

FEATURES:
• First-In/First-Out Dual-Port memory
• 2,048 x 9 organization (IDT7203)
• 4,096 x 9 organization (IDT7204)
• 8,192 x 9 organization (IDT7205)
• 16,384 x 9 organization (IDT7206)
• 32,768 x 9 organization (IDT7207)
• 65,636 x 9 organization (IDT7208)
• High-speed: 12ns access time
• Low power consumption
    — Active: 660mW (max.)
    — Power-down: 44mW (max.)
• Asynchronous and simultaneous read and write
• Fully expandable in both word depth and width
• 720x family is pin and functionally compatible from 256 x 9 to 64k x 9
• Status Flags: Empty, Half-Full, Full
• Retransmit capability
• High-performance CMOS technology
• Military product compliant to MIL-STD-883, Class B
• Standard Military Drawing for #5962-88669 (IDT7203), 5962-89567 (IDT7203), and 5962-89568 (IDT7204) are listed on this function
• Industrial temperature range (–40°C to +85°C) is available (plastic packages only)
• Green parts available, see ordering information




Similar Part No. - IDT7204L120SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7204L12DG IDT-IDT7204L12DG Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7204L12DGI IDT-IDT7204L12DGI Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7204L12JG IDT-IDT7204L12JG Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7204L12JGI IDT-IDT7204L12JGI Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7204L12LG IDT-IDT7204L12LG Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
More results


Similar Description - IDT7204L120SO

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
CMOS 2048 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
CMOS 4096 x 9 Asynchronous FIFO
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
CMOS 8192 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com