Electronic Components Datasheet Search
  English  ▼

X  

CA3440M Datasheet (PDF) - Harris Corporation

CA3440M Datasheet PDF - Harris Corporation
Part # CA3440M
Download  CA3440M Download
File Size   76.56 Kbytes
Page   5 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description 63kHz, Nanopower, BiMOS Operational Amplifiers

CA3440M Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3440M Datasheet PDF - Harris Corporation

Part # CA3440M
Download  CA3440M Click to download

File Size   76.56 Kbytes
Page   5 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description 63kHz, Nanopower, BiMOS Operational Amplifiers

CA3440M Datasheet (HTML) - Harris Corporation


CA3440M Product details

Description
The CA3440 is an integrated circuit operational amplifier that combines the advantages of MOS and bipolar transistors on a single monolithic chip.

Features
• High Input Resistance . . . . . . . . . . . . . . . . . . .2TΩ (Typ)
• Standby Power at V+ = 5V . . . . . . . . . . . . . 300nW (Typ)
• Supply Current, BW, Slew Rate Programmable Using External Resistor
• Input Current . . . . . . . . . . . . . . . . . . . . . . . . . 10pA (Typ)
• 5V to 15V Supply
• Output Drives Typical Bipolar Type Loads




Similar Part No. - CA3440M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA34 MACOM-CA34 Datasheet
377Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
CA34 MA-COM-CA34 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
CA34 MA-COM-CA34 Datasheet
638Kb / 3P
Cascadable Amplifier 100 to 2000 MHz
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
Quad Single-Supply Operational Amplifier
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
More results


Similar Description - CA3440M

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA3493 HARRIS-CA3493 Datasheet
511Kb / 11P
BiMOS Precision Operational Amplifiers
logo
List of Unclassifed Man...
CA3493A ETC1-CA3493A Datasheet
556Kb / 11P
BiMOS Precision Operational Amplifiers
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA5420A INTERSIL-CA5420A Datasheet
192Kb / 8P
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
December 8, 2009
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
Nanopower Operational Amplifiers
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
Nanopower Operational Amplifiers
TLV2302 TI1-TLV2302_14 Datasheet
897Kb / 21P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA5420A RENESAS-CA5420A Datasheet
558Kb / 9P
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com