Electronic Components Datasheet Search
  English  ▼

X  

RS-232 Datasheet (PDF) - Exar Corporation

RS-232 Datasheet PDF - Exar Corporation
Part # RS-232
Download  RS-232 Download
File Size   268.92 Kbytes
Page   23 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION

RS-232 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS-232 Datasheet PDF - Exar Corporation

Part # RS-232
Download  RS-232 Click to download

File Size   268.92 Kbytes
Page   23 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION

RS-232 Datasheet (HTML) - Exar Corporation


RS-232 Product details

GENERAL DESCRIPTION
The SP339 is an advanced multiprotocol transceiver supporting RS-232, RS-485, and RS-422 serial standards in a 40 pin QFN package. Integrated cable termination and four configuration modes allow all three protocols to be used interchangeably over a single cable or connector with no additional switching components. Full operation requires only four external charge pump capacitors.

FEATURES
● Pin selectable Cable Termination
● No external resistors required for RS-485/422 termination and biasing
● 3.3V or 5V Single Supply Operation
● Robust ESD Protection on bus pins
    ■ ±15kV IEC 61000-4-2 (Air Gap)
    ■ ± 8kV IEC 61000-4-2 (Contact)
    ■ ±15kV Human Body Model (HBM)
● Max Data Rate of 20Mbps in RS-485/422 Modes and up to 1Mbps in RS-232 Modes
● Pin selectable 250kbps Slew Limiting
● 3 Drivers, 5 Receivers RS-232/V.28
● 1 Driver, 1 Receiver RS-485/422
    ■ Full and Half Duplex Configuration
    ■ 1/8th Unit Load, up to 256 receivers on bus
● RS-485/422 Enhanced Failsafe for open, shorted, or terminated but idle inputs
● Space saving 6mm x 6mm QFN-40 Package
● Pin compatible with SP338E

TYPICAL APPLICATIONS
● Dual Protocol Serial Ports (RS-232 or RS-485/422)
● Industrial Computers
● Industrial and Process Control Equipment
● Point-Of-Sale Equipment
● Networking Equipment
● HVAC Controls Equipment
● Building Security and Automation Equipment




Similar Part No. - RS-232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS-232 ETC1-RS-232 Datasheet
144Kb / 11P
PL-2303 USB to RS-232 Bridge Controller Product Datasheet
logo
Grayhill, Inc
RS-232 GRAYHILL-RS-232 Datasheet
870Kb / 1P
COMMUNICATION CONVERTERS
logo
List of Unclassifed Man...
RS-232 ETC2-RS-232 Datasheet
169Kb / 2P
Battery Powered Converter CE
logo
Exar Corporation
RS-232 EXAR-RS-232 Datasheet
1Mb / 21P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
RS-232 EXAR-RS-232 Datasheet
703Kb / 23P
SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
More results


Similar Description - RS-232

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com