Electronic Components Datasheet Search
  English  ▼

X  

CA3086 Datasheet (PDF) - Intersil Corporation

CA3086 Datasheet PDF - Intersil Corporation
Part # CA3086
Download  CA3086 Download
File Size   34.12 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description General Purpose NPN Transistor Array

CA3086 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3086 Datasheet PDF - Intersil Corporation

Part # CA3086
Download  CA3086 Click to download

File Size   34.12 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description General Purpose NPN Transistor Array

CA3086 Datasheet (HTML) - Intersil Corporation


CA3086 Product details

Description
The CA3086 consists of five general-purpose silicon NPN transistors on a common monolithic substrate. Two of the transistors are internally connected to form a differentially connected pair.
The transistors of the CA3086 are well suited to a wide variety of applications in low-power systems at frequencies from DC to 120MHz. They may be used as discrete transistors in conventional circuits. However, they also provide the very significant inherent advantages unique to integrated circuits, such as compactness, ease of physical handling and thermal matching

Applications
• Three Isolated Transistors and One Differentially
   Connected Transistor Pair For Low-Power Applications
   from DC to 120MHz
• General-Purpose Use in Signal Processing Systems
   Operating in the DC to 190MHz Range
• Temperature Compensated Amplifiers
• See Application Note, AN5296 “Application of the
   CA3018 Integrated-Circuit Transistor Array” for
   Suggested Applications




Similar Part No. - CA3086

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3086 INTERSIL-CA3086 Datasheet
34Kb / 5P
General Purpose NPN Transistor Array
November 1996
CA3086 INTERSIL-CA3086 Datasheet
153Kb / 7P
General Purpose NPN Transistor Array
August 2003
CA3086 INTERSIL-CA3086 Datasheet
180Kb / 7P
Power Applications from DC to 120MHz
December 15, 2011
CA3086E INTERSIL-CA3086E Datasheet
180Kb / 7P
Power Applications from DC to 120MHz
December 15, 2011
CA3086F INTERSIL-CA3086F Datasheet
34Kb / 5P
General Purpose NPN Transistor Array
November 1996
More results


Similar Description - CA3086

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE929 NTE-NTE929 Datasheet
23Kb / 2P
Integrated Circuit General Purpose, High Current, NPN Transistor Array
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
logo
Sanyo Semicon Device
LB1213M SANYO-LB1213M Datasheet
39Kb / 2P
General-Purpose Transistor Array
logo
Intersil Corporation
CA3083 INTERSIL-CA3083 Datasheet
31Kb / 4P
General Purpose High Current NPN Transistor Array
September 1998
CD3086 INTERSIL-CD3086 Datasheet
34Kb / 5P
General Purpose NPN Transistor Array
November 1996
CA3086 INTERSIL-CA3086 Datasheet
153Kb / 7P
General Purpose NPN Transistor Array
August 2003
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
Intersil Corporation
CA3046 INTERSIL-CA3046 Datasheet
116Kb / 6P
General Purpose NPN Transistor Array
May 2001
CA3083 INTERSIL-CA3083_06 Datasheet
147Kb / 4P
General Purpose High Current NPN Transistor Array
February 7, 2006
logo
Renesas Technology Corp
CA-3083 RENESAS-CA-3083 Datasheet
297Kb / 4P
General Purpose High Current NPN Transistor Array
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com