| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTD4810NH
|
89Kb / 8P |
Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0 |
|
NTD4804N
|
280Kb / 8P |
Power MOSFET 30 V, 117 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6 |
|
NTD4970N
|
123Kb / 7P |
Power MOSFET 30 V, 36 A, Single N?묬hannel, DPAK/IPAK
June, 2011 ??Rev. 0 |
|
NTD4965N
|
118Kb / 7P |
Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1 |
|
NTD4979NT4G
|
123Kb / 7P |
30 V, 41 A, Single N?묬hannel, DPAK/IPAK
January, 2012 ??Rev. 0 |
|
NVD4804NT4G
|
92Kb / 8P |
Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9 |
|
NVD4815N
|
168Kb / 8P |
30 V, 35 A, Single N?묬hannel, DPAK/IPAK
October, 2011 ??Rev. 7 |
|
NVD4806NT4G
|
123Kb / 8P |
30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10 |
|
NTD4970N-35G
|
123Kb / 7P |
30 V, 36 A, Single N?묬hannel, DPAK/IPAK
June, 2011 ??Rev. 0 |
|
NTD4970NT4G
|
113Kb / 7P |
30 V, 36 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 1 |