Electronic Components Datasheet Search
  English  ▼

X  

MK2754S Datasheet (PDF) - Integrated Circuit Systems

MK2754S Datasheet PDF - Integrated Circuit Systems
Part # MK2754S
Download  MK2754S Download
File Size   57.93 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Cost 54 MHz VCXO

MK2754S Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2754S Datasheet PDF - Integrated Circuit Systems

Part # MK2754S
Download  MK2754S Click to download

File Size   57.93 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Cost 54 MHz VCXO

MK2754S Datasheet (HTML) - Integrated Circuit Systems


MK2754S Product details

Description
The MK2754 is MicroClock’s lowest cost, low jitter, high performance VCXO and PLL clock synthesizer designed to replace expensive 54 MHz VCXOs. The on-chip Voltage Controlled Crystal Oscillator accepts a 0 to 3V input voltage to vary the output clocks by ±100 ppm. Using MicroClock’s patented VCXO and analog Phase-Locked Loop (PLL) techniques, the device uses an inexpensive external 13.5 MHz pullable crystal input to produce a 54 MHz output clock.

Features
• Packaged in 8 pin narrow SOIC
• Uses an inexpensive 13.500 MHz external crystal
• On-chip VCXO (patented) with pull range of 200ppm (minimum)
• VCXO tuning voltage of 0 to 3V
• 25mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• 5V operating voltage




Similar Part No. - MK2754S

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
MK27 STANDEX-MK27 Datasheet
333Kb / 3P
MK27 Series Reed Sensors
Version 02 28 Feb 2019
MK27-1A65B-1000W STANDEX-MK27-1A65B-1000W Datasheet
333Kb / 3P
MK27 Series Reed Sensors
Version 02 28 Feb 2019
MK27-1A65B-1500W STANDEX-MK27-1A65B-1500W Datasheet
333Kb / 3P
MK27 Series Reed Sensors
Version 02 28 Feb 2019
MK27-1A65B-2000W STANDEX-MK27-1A65B-2000W Datasheet
333Kb / 3P
MK27 Series Reed Sensors
Version 02 28 Feb 2019
MK27-1A65B-3000W STANDEX-MK27-1A65B-3000W Datasheet
333Kb / 3P
MK27 Series Reed Sensors
Version 02 28 Feb 2019
More results


Similar Description - MK2754S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2727 ICST-MK2727 Datasheet
55Kb / 4P
Low Cost 27 MHz VCXO
Revision 111600
MK3720 ICST-MK3720 Datasheet
57Kb / 4P
27 MHz and 54 MHz 3.3 Volt VCXO
Revision 053100
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
Revision 052901
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
Low Cost 54 MHz 3.3 Volt VCXO
Revision 060100
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0147A TAI-SAW-TX0147A Datasheet
173Kb / 4P
7.0x5.0 VCXO 54 MHz
logo
Renesas Technology Corp
MK2727 RENESAS-MK2727 Datasheet
327Kb / 8P
LOW COST 27 MHZ VCXO
051310
MK3720 RENESAS-MK3720 Datasheet
305Kb / 7P
27 MHZ AND 54 MHZ 3.3 VOLT VCXO
061705
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com