Electronic Components Datasheet Search
  English  ▼

X  

MSA-2035 Datasheet (PDF) - Agilent(Hewlett-Packard)

MSA-2035 Datasheet PDF - Agilent(Hewlett-Packard)
Part # MSA-2035
Download  MSA-2035 Download
File Size   127.02 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar RFIC Amplifiers

MSA-2035 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSA-2035 Datasheet PDF - Agilent(Hewlett-Packard)

Part # MSA-2035
Download  MSA-2035 Click to download

File Size   127.02 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Silicon Bipolar RFIC Amplifiers

MSA-2035 Datasheet (HTML) - Agilent(Hewlett-Packard)


MSA-2035 Product details

Description

The MSA-20XX series are high performance silicon bipolar RFIC amplifiers designed to be cascadable in 50 Ωsystems. The stability factor of K > 1 contributes to easy cascading in numerous narrow and broadband IF and RF commercial and industrial applications.



Features

MSA-2011

• Surface Mount SOT-143 Package

• 3 dB Bandwidth: DC to 1.0 GHz

• 16.2 dB Gain at 1 GHz

• 4.3 dB NF at 1 GHz

MSA-2035

• Hermetic Ceramic Package

• 3 dB Bandwidth: DC to 1.1 GHz

• 17.3 dB Gain at 1 GHz

• 3.7 dB NF at 1 GHz

MSA-2085

• Plastic Microstrip Package

• 3 dB Bandwidth: DC to 1.1 GHz

• 16.6 dB Gain at 1 GHz

• 3.7 dB NF at 1 GHz

MSA-2086

• Surface Mount Plastic Microstrip Package

• 3 dB Bandwidth: DC to 1.1 GHz

• 16.6 dB Gain at 1 GHz

• 3.7 dB NF at 1 GHz




Similar Part No. - MSA-2035

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-2011 AVAGO-MSA-2011 Datasheet
175Kb / 7P
Silicon Bipolar RFIC Amplifiers
MSA-2011-BLK AVAGO-MSA-2011-BLK Datasheet
175Kb / 7P
Silicon Bipolar RFIC Amplifiers
MSA-2011-BLKG AVAGO-MSA-2011-BLKG Datasheet
175Kb / 7P
Silicon Bipolar RFIC Amplifiers
MSA-2011-TR1 AVAGO-MSA-2011-TR1 Datasheet
175Kb / 7P
Silicon Bipolar RFIC Amplifiers
MSA-2011-TR1G AVAGO-MSA-2011-TR1G Datasheet
175Kb / 7P
Silicon Bipolar RFIC Amplifiers
More results


Similar Description - MSA-2035

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-2003 HP-HPMX-2003 Datasheet
309Kb / 16P
Silicon Bipolar RFIC 900 MHz Vector Modulator
HPMX-2005 HP-HPMX-2005 Datasheet
519Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
HPMX-3002 HP-HPMX-3002 Datasheet
93Kb / 8P
Silicon Bipolar RFIC 900 MHz Driver Amplifier
MSA-0135 HP-MSA-0135 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0235 HP-MSA-0235 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0335 HP-MSA-0335 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-0635 HP-MSA-0635 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
MSA-31XX HP-MSA-31XX Datasheet
104Kb / 7P
Silicon Bipolar RFIC Amplifiers
logo
Hittite Microwave Corpo...
HPMX-2005 HITTITE-HPMX-2005_1 Datasheet
198Kb / 12P
Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
AVAGO TECHNOLOGIES LIMI...
MSA-2011 AVAGO-MSA-2011 Datasheet
175Kb / 7P
Silicon Bipolar RFIC Amplifiers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com