Electronic Components Datasheet Search
  English  ▼

X  

MSA-0685 Datasheet (PDF) - Agilent(Hewlett-Packard)

MSA-0685 Datasheet PDF - Agilent(Hewlett-Packard)
Part # MSA-0685
Download  MSA-0685 Download
File Size   52.88 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Cascadable Silicon Bipolar MMIC Amplifier

MSA-0685 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSA-0685 Datasheet PDF - Agilent(Hewlett-Packard)

Part # MSA-0685
Download  MSA-0685 Click to download

File Size   52.88 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Cascadable Silicon Bipolar MMIC Amplifier

MSA-0685 Datasheet (HTML) - Agilent(Hewlett-Packard)


MSA-0685 Product details

Description

The MSA-0685 is a high performance silicon bipolar Monolithic Microwave Integrated Circuit (MMIC) housed in a low cost plastic package. This MMIC is designed for use as a general purpose 50 Ω gain block. Typical applications include narrow and broad band IF and RF amplifiers in commercial and industrial applications.



Features

• Cascadable 50 Ω Gain Block

• Low Operating Voltage: 3.5 V Typical Vd

• 3 dB Bandwidth: DC to 0.8 GHz

• High Gain: 18.5␣ dB Typical at 0.5 GHz

• Low Noise Figure: 3.0 dB Typical at 0.5 GHz

• Low Cost Plastic Package




Similar Part No. - MSA-0685

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-0686 HP-MSA-0686 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0686 AVAGO-MSA-0686 Datasheet
68Kb / 4P
Tape-and-Reel Packaging Available
logo
Agilent(Hewlett-Packard...
MSA-0686-BLK HP-MSA-0686-BLK Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0686-BLK AVAGO-MSA-0686-BLK Datasheet
68Kb / 4P
Tape-and-Reel Packaging Available
MSA-0686-BLKG AVAGO-MSA-0686-BLKG Datasheet
68Kb / 4P
Tape-and-Reel Packaging Available
More results


Similar Description - MSA-0685

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0505 HP-MSA-0505 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0900 MPLUSE-MP4TD0900 Datasheet
139Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com