Electronic Components Datasheet Search
  English  ▼

X  

MSA-0611 Datasheet (PDF) - Agilent(Hewlett-Packard)

MSA-0611 Datasheet PDF - Agilent(Hewlett-Packard)
Part # MSA-0611
Download  MSA-0611 Download
File Size   50.71 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Cascadable Silicon Bipolar MMIC Amplifier

MSA-0611 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSA-0611 Datasheet PDF - Agilent(Hewlett-Packard)

Part # MSA-0611
Download  MSA-0611 Click to download

File Size   50.71 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Cascadable Silicon Bipolar MMIC Amplifier

MSA-0611 Datasheet (HTML) - Agilent(Hewlett-Packard)


MSA-0611 Product details

Description
The MSA-0611 is a low cost silicon bipolar Monolithic Microwave Integrated Circuit (MMIC) housed in the surface mount plastic SOT-143 package. This MMIC is designed for use as a general purpose 50 Ω gain block. Typical applications include narrow and broad band IF and RF amplifiers in commercial and industrial applications.

Features
• Cascadable 50 Ω Gain Block
• 3 dB Bandwidth: DC to 0.7 GHz
• High Gain: 18.0 dB Typical at 0.5␣ GHz
• Low Noise Figure: 3.0 dB Typical at 0.5␣ GHz
• Low Cost Surface Mount Plastic Package
• Tape-and-Reel Packaging Option Available[1]




Similar Part No. - MSA-0611

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-0600 HP-MSA-0600 Datasheet
58Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0600 AVAGO-MSA-0600 Datasheet
95Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MSA-0600-GP4 HP-MSA-0600-GP4 Datasheet
58Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0600-GP4 AVAGO-MSA-0600-GP4 Datasheet
95Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MSA-0635 HP-MSA-0635 Datasheet
53Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifiers
More results


Similar Description - MSA-0611

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0505 HP-MSA-0505 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0900 MPLUSE-MP4TD0900 Datasheet
139Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com