Electronic Components Datasheet Search
  English  ▼

X  

HSDL-4220 Datasheet (PDF) - Agilent(Hewlett-Packard)

HSDL-4220 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HSDL-4220
Download  HSDL-4220 Download
File Size   131.88 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High-Performance T-13/4 (5 mm) TS AlGaAs Infrared (875 nm) Lamp

HSDL-4220 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-4220 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HSDL-4220
Download  HSDL-4220 Click to download

File Size   131.88 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High-Performance T-13/4 (5 mm) TS AlGaAs Infrared (875 nm) Lamp

HSDL-4220 Datasheet (HTML) - Agilent(Hewlett-Packard)


HSDL-4220 Product details

Description
The HSDL-4200 series of emitters are the first in a sequence of emitters that are aimed at high power, low forward voltage, and high speed. These emitters utilize the Transparent Substrate, double heterojunction, Aluminum Gallium Arsenide (TS AlGaAs) LED technology. These devices are optimized for speed and efficiency at emission wavelengths of 875 nm.

Features
• Very High Power TS AlGaAs Technology
• 875 nm Wavelength
• T-13/4 Package
• Low Cost
• Very High Intensity:
    HSDL-4220 - 38 mW/sr
    HSDL-4230 - 75 mW/sr
• Choice of Viewing Angle:
    HSDL-4220 - 30°
    HSDL-4230 - 17°
• Low Forward Voltage for Series Operation
• High Speed: 40 ns Rise Times
• Copper Leadframe for Improved Thermal and Optical Characteristics

Applications
• Compatible with IrDA SIR Standard
• IR Audio
• IR Telephones
• High Speed IR Communications
    IR LANs
    IR Modems
    IR Dongles
• Industrial IR Equipment




Similar Part No. - HSDL-4220

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-4220 HP-HSDL-4220 Datasheet
145Kb / 6P
High-Performance T-13/4 (5 mm) TS AlGaAs Infrared (875 nm) Lamp
More results


Similar Description - HSDL-4220

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMA-DX05 HP-HLMA-DX05 Datasheet
132Kb / 7P
T-13/4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused, AlInGaP, and TS AlGaAs Red LED Lamps
HLMP-810X HP-HLMP-810X Datasheet
164Kb / 5P
T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMP-J100 HP-HLMP-J100 Datasheet
113Kb / 4P
T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4271 AVAGO-HSDL-4271 Datasheet
84Kb / 4P
High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
HSDL-4270 AVAGO-HSDL-4270 Datasheet
130Kb / 4P
High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
Agilent(Hewlett-Packard...
HSDL-4200 HP-HSDL-4200_1 Datasheet
145Kb / 6P
High-Performance T-13/4 (5 mm) TS AlGaAs Infrared (875 nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4250 LITEON-HSDL-4250 Datasheet
190Kb / 4P
High-Performance T-1 쩐 (5mm) AlGaAs Infrared (870nm) Lamp
HSDL-4270 LITEON-HSDL-4270 Datasheet
140Kb / 4P
High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
HSDL-4271 LITEON-HSDL-4271 Datasheet
94Kb / 4P
High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
HSDL-4251 LITEON-HSDL-4251 Datasheet
190Kb / 4P
High-Performance T-1 3/4 (5mm) AlGaAs Infrared (870nm) Lamp
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com