Electronic Components Datasheet Search
  English  ▼

X  

HM628512BLRR-7SL Datasheet (PDF) - Hitachi Semiconductor

HM628512BLRR-7SL Datasheet PDF - Hitachi Semiconductor
Part # HM628512BLRR-7SL
Download  HM628512BLRR-7SL Download
File Size   85.93 Kbytes
Page   18 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4 M SRAM (512-kword x 8-bit)

HM628512BLRR-7SL Datasheet (PDF)

Go To PDF Page Download Datasheet
HM628512BLRR-7SL Datasheet PDF - Hitachi Semiconductor

Part # HM628512BLRR-7SL
Download  HM628512BLRR-7SL Click to download

File Size   85.93 Kbytes
Page   18 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4 M SRAM (512-kword x 8-bit)

HM628512BLRR-7SL Datasheet (HTML) - Hitachi Semiconductor


HM628512BLRR-7SL Product details

Description

The Hitachi HM628512B is a 4-Mbit static RAM organized 512-kword ×8-bit. It realizes higher density, higher performance and low power consumption by employing 0.35 µm Hi-CMOS process technology. The device, packaged in a 525-mil SOP (foot print pitch width) or 400-mil TSOP TYPE II or 600-mil plastic DIP, is available for high density mounting. The HM628512B is suitable for battery backup system.



Features

•  Single 5 V supply

•  Access time: 55/70 ns (max)

•  Power dissipation

 Active: 50 mW/MHz (typ)

 Standby: 10 µW (typ)

•  Completely static memory. No clock or timing strobe required

•  Equal access and cycle times

•  Common data input and output: Three state output

•  Directly TTL compatible: All inputs and outputs

•  Battery backup operation




Similar Part No. - HM628512BLRR-7SL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512BLRRI-7 HITACHI-HM628512BLRRI-7 Datasheet
84Kb / 18P
4 M SRAM (512-kword x 8-bit)
HM628512BLRRI-8 HITACHI-HM628512BLRRI-8 Datasheet
84Kb / 18P
4 M SRAM (512-kword x 8-bit)
More results


Similar Description - HM628512BLRR-7SL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512BFP HITACHI-HM628512BFP Datasheet
58Kb / 13P
4 M SRAM (512-kword x 8-bit)
HM628512BI HITACHI-HM628512BI Datasheet
84Kb / 18P
4 M SRAM (512-kword x 8-bit)
HM628512C HITACHI-HM628512C Datasheet
84Kb / 17P
4 M SRAM (512-kword x 8-bit)
HM62V8512B HITACHI-HM62V8512B Datasheet
77Kb / 17P
4 M SRAM (512-kword x 8-bit)
HM62V8512C HITACHI-HM62V8512C Datasheet
75Kb / 16P
4 M SRAM (512-kword x 8-bit)
HM62W8512B HITACHI-HM62W8512B Datasheet
80Kb / 16P
4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62V8512CTS RENESAS-HM62V8512CTS Datasheet
81Kb / 16P
4 M SRAM (512-kword 쨈 8-bit)
HM628512C RENESAS-HM628512C Datasheet
109Kb / 19P
4 M SRAM (512-kword 쨈 8-bit)
HM62W8512BI RENESAS-HM62W8512BI_15 Datasheet
105Kb / 17P
4 M SRAM (512-kword 쨈 8-bit)
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com