Electronic Components Datasheet Search
  English  ▼

X  

SMF33A Datasheet (PDF) - Vishay Siliconix

SMF33A Datasheet PDF - Vishay Siliconix
Part # SMF33A
Download  SMF33A Download
File Size   137.8 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount ESD Protection Diodes

SMF33A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF33A Datasheet PDF - Vishay Siliconix

Part # SMF33A
Download  SMF33A Click to download

File Size   137.8 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount ESD Protection Diodes

SMF33A Datasheet (HTML) - Vishay Siliconix


SMF33A Product details

Features

• For surface mounted applications

• Low-profile package

• Optimized for LAN protection applications

• Ideal for ESD protection of data lines in accordance with IEC 61000-4-2 (IEC 801-2)

• Ideal for EFT protection of data lines in accordance with IEC 61000-4-4 (IEC 801-4)

• IEC 61000-4-2 (ESD) 15 kV (air) 8 kV (contact)

• Low incremental surge resistance, excellent clamping capability

• 200 W peak pulse power capability with a 10/1000 µs waveform, repetition rate (duty cycle): 0.01 %

• Very fast response time

• High temperature soldering guaranteed: 260 °C/10 s at terminals

• AEC Q101 qualified

• Lead (Pb)-free component

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC

• Halogen-free according to IEC 61249-2-21



 




Similar Part No. - SMF33A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF33A VISHAY-SMF33A Datasheet
92Kb / 6P
Surface Mount ESD Protection Diodes
22-Sep-10
logo
ON Semiconductor
SMF33A ONSEMI-SMF33A Datasheet
69Kb / 6P
Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Pan Jit International I...
SMF33A PANJIT-SMF33A Datasheet
121Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
SMF33A BILIN-SMF33A Datasheet
119Kb / 3P
SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF33A VISHAY-SMF33A Datasheet
108Kb / 7P
Surface Mount ESD Protection Diodes
27-Oct-08
More results


Similar Description - SMF33A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
Surface Mount ESD Protection Diodes
30-Nov-11
logo
Shenzhen Luguang Electr...
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
Surface Mount ESD Protection Diodes
30-Nov-11
logo
Shenzhen Luguang Electr...
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
Surface Mount ESD Protection Diodes
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
Surface Mount ESD Protection Diodes
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
Surface Mount ESD Protection Diodes
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com