Electronic Components Datasheet Search
  English  ▼

X  

HD74HC00 Datasheet (PDF) - Hitachi Semiconductor

HD74HC00 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC00
Download  HD74HC00 Download
File Size   48.19 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-input NAND Gates

HD74HC00 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC00 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC00
Download  HD74HC00 Click to download

File Size   48.19 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-input NAND Gates

HD74HC00 Datasheet (HTML) - Hitachi Semiconductor


HD74HC00 Product details

Features
• High Speed Operation: tpd = 8.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 1 µA max (Ta = 25°C)




Similar Part No. - HD74HC00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC00 RENESAS-HD74HC00 Datasheet
91Kb / 7P
Quad. 2-input NAND Gates
HD74HC00FPEL RENESAS-HD74HC00FPEL Datasheet
91Kb / 7P
Quad. 2-input NAND Gates
HD74HC00FPEL RENESAS-HD74HC00FPEL Datasheet
123Kb / 9P
Quad. 2-input NAND Gates
HD74HC00P RENESAS-HD74HC00P Datasheet
91Kb / 7P
Quad. 2-input NAND Gates
HD74HC00P RENESAS-HD74HC00P Datasheet
123Kb / 9P
Quad. 2-input NAND Gates
More results


Similar Description - HD74HC00

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5400 NSC-5400 Datasheet
94Kb / 4P
Quad 2-Input NAND Gates
54LS00 NSC-54LS00 Datasheet
120Kb / 6P
Quad 2-Input NAND Gates
DM54L00 NSC-DM54L00 Datasheet
82Kb / 4P
Quad 2-Input NAND Gates
logo
Fairchild Semiconductor
DM7400 FAIRCHILD-DM7400 Datasheet
47Kb / 4P
Quad 2-Input NAND Gates
logo
List of Unclassifed Man...
GD54HC00 ETC1-GD54HC00 Datasheet
294Kb / 4P
QUAD 2-INPUT NAND GATES
logo
Renesas Technology Corp
RD74LVC00B RENESAS-RD74LVC00B Datasheet
67Kb / 8P
Quad 2-input NAND Gates
HD74LV00A RENESAS-HD74LV00A Datasheet
67Kb / 9P
Quad. 2-input NAND Gates
HD74HC00 RENESAS-HD74HC00 Datasheet
91Kb / 7P
Quad. 2-input NAND Gates
HD74LV00A RENESAS-HD74LV00A_15 Datasheet
91Kb / 11P
Quad. 2-input NAND Gates
RD74LVC00B RENESAS-RD74LVC00B_15 Datasheet
92Kb / 10P
Quad. 2-input NAND Gates
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com