Electronic Components Datasheet Search
  English  ▼

X  

HD151011 Datasheet (PDF) - Hitachi Semiconductor

HD151011 Datasheet PDF - Hitachi Semiconductor
Part # HD151011
Download  HD151011 Download
File Size   75.66 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual BCD Programmable Counter with Synchronous Preset Enable

HD151011 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD151011 Datasheet PDF - Hitachi Semiconductor

Part # HD151011
Download  HD151011 Click to download

File Size   75.66 Kbytes
Page   16 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual BCD Programmable Counter with Synchronous Preset Enable

HD151011 Datasheet (HTML) - Hitachi Semiconductor


HD151011 Product details

The HD151011 has BCD decimal two digits down counter and D-type Flip Flop. The counter can set up to max 99 counts and synchronous preset (SPE) input can preset the data. When the count value is 0, the next clock pulse presets the data to invert the output. D-type Flip Flop takes the counter output as clock pulse, whose data is transferred to output at the rise edge. It is applied to generate AC signal for STN type liquid crystal and general-use divider.

Features
• High speed operation
    tpd (CLK or CLK to Q) = 35 ns (typ)
• High output current
    Fanout of 10 LS TTL Loads
• Wide operating voltage
    Vcc = 2 to 6 V
• Low supply current (Ta = 25°C)
    Icc (Static) = 4 µA (max)




Similar Part No. - HD151011

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD151011 RENESAS-HD151011 Datasheet
140Kb / 14P
Dual BCD Programmable Counter with Synchronous Preset Enable
HD151011FPEL RENESAS-HD151011FPEL Datasheet
140Kb / 14P
Dual BCD Programmable Counter with Synchronous Preset Enable
HD151011TELL RENESAS-HD151011TELL Datasheet
140Kb / 14P
Dual BCD Programmable Counter with Synchronous Preset Enable
More results


Similar Description - HD151011

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4518 PHILIPS-74HC4518 Datasheet
63Kb / 7P
Dual synchronous BCD counter
December 1990
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
Dual BCD counter
January 1995
logo
Hitachi Semiconductor
HD151012 HITACHI-HD151012 Datasheet
78Kb / 16P
8-bit Binary Programmable Counter with Synchronous Preset Enable
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP_07 Datasheet
746Kb / 14P
Dual BCD Programmable Down Counter
logo
List of Unclassifed Man...
TC9122P ETC2-TC9122P Datasheet
405Kb / 4P
HIGH-SPEED BCD PROGRAMMABLE COUNTER
logo
Renesas Technology Corp
HD151011 RENESAS-HD151011 Datasheet
140Kb / 14P
Dual BCD Programmable Counter with Synchronous Preset Enable
HD151012 RENESAS-HD151012 Datasheet
218Kb / 14P
8-bit Binary Programmable Counter with Synchronous Preset Enable
logo
ITE Tech.Inc.
IT7001M ITE-IT7001M Datasheet
218Kb / 24P
Programmable 8-Bit Binary Counter with Synchronous Preset Enable
logo
Nexperia B.V. All right...
HEF4518B NEXPERIA-HEF4518B Datasheet
221Kb / 13P
Dual BCD counter
Rev. 9 - 3 December 2021
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com