Electronic Components Datasheet Search
  English  ▼

X  

HA12187 Datasheet (PDF) - Hitachi Semiconductor

HA12187 Datasheet PDF - Hitachi Semiconductor
Part # HA12187
Download  HA12187 Download
File Size   105.78 Kbytes
Page   23 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Bus Interface Driver/Receiver IC

HA12187 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA12187 Datasheet PDF - Hitachi Semiconductor

Part # HA12187
Download  HA12187 Click to download

File Size   105.78 Kbytes
Page   23 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Bus Interface Driver/Receiver IC

HA12187 Datasheet (HTML) - Hitachi Semiconductor


HA12187 Product details

Description

The HA12187FP was developed to be used as a bus interface driver/receiver IC in automotive audio equipment controllers. It implements a two-wire serial bus.



Features

• Supports two data inputs (Pins 1 and 3 are the input pins)

• Comparators with hysteresis characteristics were adopted for the inputs

• Current drive output drivers adopted (Output current: 3.8 mA typical)

• Comparators with hysteresis characteristics were adopted for the receivers

• Wide receiver common-mode input operating range (Common-mode input operating range: 0 to 5 V typical)

• The driver output and the receiver input can withstand high voltages (Maximum rating: 18 V)

• Standby function (The IC enters standby mode when pin 8 goes low)

• Operating power-supply voltage range: 5 V ±0.5 V



Functions

• Two-input OR circuit

• Input comparator circuit

• Current output driver circuit

• Receiver input comparator circuit

• Receiver output circuit

• Standby circuit



 




Similar Part No. - HA12187

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA12187FP RENESAS-HA12187FP Datasheet
249Kb / 22P
Bus Interface Driver/Receiver IC
More results


Similar Description - HA12187

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS240 FAIRCHILD-DM74AS240 Datasheet
56Kb / 5P
3-STATE Bus Driver/Receiver
logo
Allegro MicroSystems
2470 ALLEGRO-2470 Datasheet
53Kb / 4P
BUS DRIVER / RECEIVER
logo
Renesas Technology Corp
HA12240FP RENESAS-HA12240FP Datasheet
163Kb / 24P
Bus Interface Driver/Receiver IC
HA12187FP RENESAS-HA12187FP Datasheet
249Kb / 22P
Bus Interface Driver/Receiver IC
logo
Vishay Siliconix
SI9200 VISHAY-SI9200 Datasheet
121Kb / 6P
CAN Bus Driver and Receiver
16-May-11
logo
Renesas Technology Corp
R2A11210SP RENESAS-R2A11210SP_15 Datasheet
211Kb / 26P
Bus Interface Driver/Receiver IC
HA12240FP RENESAS-HA12240FP_15 Datasheet
186Kb / 26P
Bus Interface Driver/Receiver IC
logo
Dialog Semiconductor
CCA1224 DIALOG-CCA1224 Datasheet
866Kb / 12P
Bus Interface IC (Driver, Receiver)
logo
Renesas Technology Corp
R2A11210SP RENESAS-R2A11210SP Datasheet
210Kb / 26P
Bus Interface Driver/Receiver IC
Apr 24, 2008
CCA1224 RENESAS-CCA1224 Datasheet
972Kb / 13P
Bus Interface IC (Driver, Receiver)
31-Oct-2019
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com