Electronic Components Datasheet Search
  English  ▼

X  

MC-458CB647 Datasheet (PDF) - NEC

MC-458CB647 Datasheet PDF - NEC
Part # MC-458CB647
Download  MC-458CB647 Download
File Size   190.12 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE

MC-458CB647 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-458CB647 Datasheet PDF - NEC

Part # MC-458CB647
Download  MC-458CB647 Click to download

File Size   190.12 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE

MC-458CB647 Datasheet (HTML) - NEC


MC-458CB647 Product details

Description

The MC-458CB647EFA, MC-458CB647PFA and MC-458CB647XFA are 8,388,608 words by 64 bits synchronous dynamic RAM module on which 4 pieces of 128M SDRAM: µPD45128163 are assembled. This module provides high density and large quantities of memory in a small space without utilizing the surface mounting technology on the printed circuit board. Decoupling capacitors are mounted on power supply line for noise reduction.



Features

• 8,388,608 words by 64 bits organization

• Clock frequency and access time from CLK

• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge

• Pulsed interface

• Possible to assert random column address in every cycle

• Quad internal banks controlled by BA0 and BA1 (Bank Select)

• Programmable burst-length (1, 2, 4, 8 and full page)

• Programmable wrap sequence (sequential / interleave)

• Programmable /CAS latency (2, 3)

• Automatic precharge and controlled precharge

• CBR (Auto) refresh and self refresh

• All DQs have 10 Ω ± 10 % of series resistor

• Single 3.3 V ± 0.3 V power supply

• LVTTL compatible

• 4,096 refresh cycles /64 ms

• Burst termination by Burst Stop command and Precharge command

• 168-pin dual in-line memory module (Pin pitch = 1.27 mm)

• Unbuffered type

• Serial PD




Similar Part No. - MC-458CB647

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-458CB647 ELPIDA-MC-458CB647 Datasheet
145Kb / 16P
8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647EFA-A75 ELPIDA-MC-458CB647EFA-A75 Datasheet
145Kb / 16P
8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647PFA-A75 ELPIDA-MC-458CB647PFA-A75 Datasheet
145Kb / 16P
8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647XFA-A75 ELPIDA-MC-458CB647XFA-A75 Datasheet
145Kb / 16P
8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Similar Description - MC-458CB647

ManufacturerPart #DatasheetDescription
logo
NEC
MC-458CA726 NEC-MC-458CA726 Datasheet
207Kb / 16P
8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA727 NEC-MC-458CA727 Datasheet
198Kb / 16P
8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB646 NEC-MC-458CB646 Datasheet
198Kb / 16P
8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V8AB641 NEC-MC-45V8AB641 Datasheet
144Kb / 6P
8M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA727 ELPIDA-MC-458CA727 Datasheet
156Kb / 16P
8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA726 ELPIDA-MC-458CA726 Datasheet
159Kb / 16P
8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647 ELPIDA-MC-458CB647 Datasheet
145Kb / 16P
8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB646 ELPIDA-MC-458CB646 Datasheet
149Kb / 16P
8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com