Electronic Components Datasheet Search
  English  ▼

X  

T93YA254KT20 Datasheet (PDF) - Vishay Siliconix

T93YA254KT20 Datasheet PDF - Vishay Siliconix
Part # T93YA254KT20
Download  T93YA254KT20 Download
File Size   116.81 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3/8 Square Multi-Turn Cermet Trimmer

T93YA254KT20 Datasheet (PDF)

Go To PDF Page Download Datasheet
T93YA254KT20 Datasheet PDF - Vishay Siliconix

Part # T93YA254KT20
Download  T93YA254KT20 Click to download

File Size   116.81 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3/8 Square Multi-Turn Cermet Trimmer

T93YA254KT20 Datasheet (HTML) - Vishay Siliconix


T93YA254KT20 Product details

The T93 is a small size trimmer - 3/8" x 3/8" x 3/16" - answering PC board mounting requirements. Five versions are available which differ by the position of the control screw in relation to the PC board plane and by the spacing of the terminals. Excellent operational stability is provided by the use of a cermet element.

FEATURES
• Industrial grade
• 0.5 W at 70 °C
• Tests according to CECC 41000 or IEC 60393-1
• Contact resistance variation < 2 %
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912




Similar Part No. - T93YA254KT20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93YA202KT20 VISHAY-T93YA202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA224JT20 VISHAY-T93YA224JT20 Datasheet
96Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA224JT20 VISHAY-T93YA224JT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA224JT20 VISHAY-T93YA224JT20 Datasheet
110Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
T93YA224JT20 VISHAY-T93YA224JT20 Datasheet
90Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
More results


Similar Description - T93YA254KT20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
04-Sep-07
T93 VISHAY-T93_13 Datasheet
90Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
24-Aug-10
T93XA202KT20 VISHAY-T93XA202KT20 Datasheet
96Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA202KT20 VISHAY-T93YA202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YB202KT20 VISHAY-T93YB202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA102KT20 VISHAY-T93YA102KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93 VISHAY-T93_17 Datasheet
110Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
T93 VISHAY-T93_V01 Datasheet
90Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
26-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com