Electronic Components Datasheet Search
  English  ▼

X  

CB61F3A Datasheet (PDF) - Cooper Bussmann, Inc.

CB61F3A Datasheet PDF - Cooper Bussmann, Inc.
Part # CB61F3A
Download  CB61F3A Download
File Size   387.54 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Fast-Acting SMD Brick??Fuses CB61F Series

CB61F3A Datasheet (PDF)

Go To PDF Page Download Datasheet
CB61F3A Datasheet PDF - Cooper Bussmann, Inc.

Part # CB61F3A
Download  CB61F3A Click to download

File Size   387.54 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Fast-Acting SMD Brick??Fuses CB61F Series

CB61F3A Datasheet (HTML) - Cooper Bussmann, Inc.


CB61F3A Product details

Description The fast-acting CB61F Series of SMD Brick™ fuse provides high breaking capacity performance in a CQC Approved SMD package. The CB61F Series offers 125Vac/50A and 125Vdc/300A protection up to 15 amps, which is among the highest in its class.

Features
• High Interrupting Ratings: 50A @ 125Vac / 300A @ 125Vdc
• Wide Selection: The CB61F Series is available in ratings from 2 to 15
   amps providing a range of solutions for applications requiring
   fast-acting performance
• CQC Approved: Meets the growing market demand.
• cULus Certified and PSE Level 1 Certified
• Excellent Environmental Integrity: lead-free, halogen free and RoHS
   compliant, and present no disposal issues at end of life.
• Solder immersion compatible
• Wire-in-Air design

Applications
• LCD/PDP TVs
• LCD Monitors
• LCD backlight inverters
• Notebooks
• Servers
• Power supplies
• Telecom/PoE
• Medical equipment
• White goods
• Industrial applications




Similar Part No. - CB61F3A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CB61F3A COOPER-CB61F3A Datasheet
387Kb / 3P
Fast-Acting SMD Brick??Fuses
CB61F3A COOPER-CB61F3A Datasheet
387Kb / 3P
Fast-Acting SMD Brick Fuses CB61F Series
logo
Eaton All Rights Reserv...
CB61F3A EATON-CB61F3A Datasheet
600Kb / 3P
Fast-acting surface mount Brick??fuses
More results


Similar Description - CB61F3A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CB61F2A COOPER-CB61F2A Datasheet
387Kb / 3P
Fast-Acting SMD Brick??Fuses
CB61F10A-TR1 COOPER-CB61F10A-TR1 Datasheet
387Kb / 3P
Fast-Acting SMD Brick Fuses CB61F Series
SFE-20 COOPER-SFE-20 Datasheet
19Kb / 1P
Automotive Glass Fuses Fast-Acting Fast-Acting
1025FA250-R COOPER-1025FA250-R Datasheet
315Kb / 2P
Brick??Fuses 1025FA Series, Fast-Acting
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
fast-acting fuses
logo
Eaton All Rights Reserv...
CB61F EATON-CB61F Datasheet
600Kb / 3P
Fast-acting surface mount Brick??fuses
logo
Bourns Electronic Solut...
SF-2410FP-T BOURNS-SF-2410FP-T Datasheet
609Kb / 9P
Fast Acting Precision SMD Fuses
SF-2410F-T BOURNS-SF-2410F-T Datasheet
531Kb / 7P
Fast Acting SMD Fuses
SF-1206F-M BOURNS-SF-1206F-M Datasheet
537Kb / 5P
Fast Acting SMD Fuses
SF-3812F-T BOURNS-SF-3812F-T Datasheet
264Kb / 6P
SF-3812F-T Series – Fast Acting SMD Fuses
REV. 04/21
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com