Electronic Components Datasheet Search
  English  ▼

X  

SI4831 Datasheet (PDF) - Silicon Laboratories

SI4831 Datasheet PDF - Silicon Laboratories
Part # SI4831
Download  SI4831 Download
File Size   199.23 Kbytes
Page   20 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER

SI4831 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI4831 Datasheet PDF - Silicon Laboratories

Part # SI4831
Download  SI4831 Click to download

File Size   199.23 Kbytes
Page   20 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER

SI4831 Datasheet (HTML) - Silicon Laboratories


SI4831 Product details

Description
The Si4831/35-B30 is the 2nd generation mechanical-tuned digital CMOS AM/FM/SW radio receiver IC that integrates the complete receiver function from antenna input to audio output. Like other successful audio products from Silicon Labs, Si4831/35-B30 offers unmatched integration and PCB space savings with minimum external components and a small board area. The Si4831/35-B30 requires a simple application circuit and removes any requirements for manually tuning components during the manufacturing process. The Si4831/35-B30 is a very simple product to design, manufacture, and support across multiple product lines. The receiver has very low power consumption, runs off two AAA batteries, and delivers the performance benefits of digital tuning to the analog radio market.

Features
■ Worldwide FM band support (64–109 MHz)
■ Worldwide AM band support (504–1750 kHz)
■ SW band support (Si4835 only) (5.6–22 MHz)
■ Excellent real-world performance
■ EN55020-compliant
■ No manual alignment necessary
■ Flexible band selections
■ Automatic frequency control (AFC)
■ Integrated LDO regulator
■ 2.0 to 3.6 V supply voltage
■ Wide range of ferrite loop sticks and air loop antennas supported
■ 24-pin SSOP
■ RoHS-compliant
■ Supports station and stereo LED indicators
■ Direct volume control
■ Bass and treble tone control

Applications
■ Table and portable radios
■ Stereos
■ Mini/micro systems
■ CD/DVD players
■ Boom boxes
■ Modules
■ Clock radios
■ Mini HiFi
■ Entertainment systems




Similar Part No. - SI4831

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4831 SILABS-SI4831 Datasheet
1Mb / 40P
Si4831/35/36/20/24/25-DEMO BOARD TEST PROCEDURE
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 38P
Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
SI4831-B30-GU SKYWORKS-SI4831-B30-GU Datasheet
854Kb / 20P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results


Similar Description - SI4831

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10 SILABS-SI4825-A10 Datasheet
1Mb / 21P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4825-A10 SKYWORKS-SI4825-A10 Datasheet
1Mb / 21P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com