Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0730 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-0730 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-0730
Download  HCPL-0730 Download
File Size   365.01 Kbytes
Page   13 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Dual Channel Low Input Current, High Gain Optocouplers

HCPL-0730 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-0730 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0730
Download  HCPL-0730 Click to download

File Size   365.01 Kbytes
Page   13 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Dual Channel Low Input Current, High Gain Optocouplers

HCPL-0730 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-0730 Product details

Description
These dual channel optocouplers contain a separated pair of GaAsP light emitting diodes optically coupled to a pair of integrated high gain photo detectors. They provide extremely high current transfer ratio and excellent input-output common mode transient immunity. A separate pin for the photodiodes and frst gain stages (VCC) permits lower output saturation voltage and higher speed operation than possible with conventional photodarlington type optocouplers. In addition, VCC may be as low as 1.6V without adversely affecting the parametric performance.

Features
• High current transfer ratio – 1800% typical
• Low input current requirements – 0.5 mA
• Low output saturation voltage – 0.1 V
• High density packaging
• Performance guaranteed over temperature 0°C to 70°C
• LSTTL compatible
• High output current – 60 mA
• Safety approval:
   UL recognized – 3750 V rms for 1 minute and
                              5000V rms* for 1 minute
   CSA approved
• Available in 8 pin DIP and SO-8 footprint
• MIL-PRF-38534 hermetic version available
   (HCPL-5730/5731)
• Surface mount gull wing option available for 8-pin DIP
   (Option 300)

Applications
• Digital logic ground isolation
• Telephone ring detector
• Level shifting
• EIA RS-232C line receiver
• Polarity sensing
• Low input current line receiver – long line or party line
• Microprocessor bus isolation
• Current loop receiver
• Line voltage status indicator – low input power dissipation




Similar Part No. - HCPL-0730

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
275Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0730 HP-HCPL-0730 Datasheet
240Kb / 12P
Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
687Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0730R1 FAIRCHILD-HCPL-0730R1 Datasheet
272Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Similar Description - HCPL-0730

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
Low Input Current, High Gain Optocouplers
HCPL-2730 HP-HCPL-2730 Datasheet
240Kb / 12P
Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
Low Input Current, High Gain Optocouplers
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
Low Input Current, High Gain Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com