Electronic Components Datasheet Search
  English  ▼

X  

MJE180 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MJE180 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MJE180
Download  MJE180 Download
File Size   95.68 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS

MJE180 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE180 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MJE180
Download  MJE180 Click to download

File Size   95.68 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS

MJE180 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MJE180 Product details

COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS



... designed for low power amplifier and low current, high speed switchii applications.



FEATURES:

* Collector-Emitter Sustaining VoHage-

   VCEO(SUS) =40 V (Min) - MJE170.MJE180

                  = 60 V (Min) - MJE171.MJE181

                  = 80 V (Min) - MJE172.MJE182

* DC Current Gain

   hFE=30(Min)© IC = 0.5A

                           =12(Min)eic»1.5A



 




Similar Part No. - MJE180

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE180 MOSPEC-MJE180 Datasheet
228Kb / 4P
POWER TRANSISTORS(3.0A,40-80V,12.5W)
logo
Fairchild Semiconductor
MJE180 FAIRCHILD-MJE180 Datasheet
48Kb / 4P
Low Power Audio Amplifier Low Current High Speed Switching Applications
logo
ON Semiconductor
MJE180 ONSEMI-MJE180 Datasheet
83Kb / 6P
Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
logo
Savantic, Inc.
MJE180 SAVANTIC-MJE180 Datasheet
102Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJE180 ISC-MJE180 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - MJE180

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
Complementary Silicon Plastic Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com