Electronic Components Datasheet Search
  English  ▼

X  

MB3883 Datasheet (PDF) - fujitsu semiconductor

MB3883 Datasheet PDF - fujitsu semiconductor
Part # MB3883
Download  MB3883 Download
File Size   473.41 Kbytes
Page   39 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down

MB3883 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3883 Datasheet PDF - fujitsu semiconductor

Part # MB3883
Download  MB3883 Click to download

File Size   473.41 Kbytes
Page   39 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down

MB3883 Datasheet (HTML) - fujitsu semiconductor


MB3883 Product details

■ DESCRIPTION
The MB3883 is a 6-channel step-up/step-down DC/DC converter IC using pulse width modulation (PWM) and synchronous rectification, designed for low voltage, high efficiency, and compact size. This IC is ideal for up conversion, down conversion, and up/down conversion (using a step-up/step-down Zeta system with free input and output settings).
The MB3883 can operate at low voltage levels, and has a wide supply voltage range from 1.7 V to 9 V.
The MB3883 is available in two packages, an LQFP-48P or a leadless BCC-48P formed with a contact electrode pad only.
This is an ideal power supply for high-performance portable devices such as digital still cameras.
This product is covered by US Patent Number 6,147,477.

■ FEATURES
• Supports synchronous rectification (CH1, 2, 5)
• Supports for down-conversion and up/down Zeta conversion (CH1, 2)
    Supports for up-conversion (CH5)
• Supports up-conversion (CH3, 4, 6)
• Low start-up voltage : 1.7 V (CH6)
• Power supply voltage range : 2.4 V to 9 V (CH6)
                                                : 3.6 V to 9 V (CH1 to CH5)
• Built-in high-precision reference voltage circuit : ±1 %
• Wide operating oscillator frequency range with high-frequency capability : 100 kHz to 1 MHz
• Error amplifier output for soft start (CH1 to CH6)
• Totem-pole type output switch control circuit




Similar Part No. - MB3883

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3883 FUJITSU-MB3883 Datasheet
452Kb / 40P
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3883PFV FUJITSU-MB3883PFV Datasheet
452Kb / 40P
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3883PV FUJITSU-MB3883PV Datasheet
452Kb / 40P
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
More results


Similar Description - MB3883

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3827 FUJITSU-MB3827 Datasheet
557Kb / 41P
6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
MB3881 FUJITSU-MB3881 Datasheet
509Kb / 40P
8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
logo
Rohm
BD6061GUT ROHM-BD6061GUT Datasheet
214Kb / 6P
Synchronous rectification step-up DC/DC converter for mobile phone
BD6063HFN ROHM-BD6063HFN Datasheet
214Kb / 6P
Synchronous rectification step-up DC/DC converter for mobile phone
BD6071HFN ROHM-BD6071HFN Datasheet
312Kb / 6P
Synchronous rectification step-up DC/DC converter for mobile phone
BD6072HFN ROHM-BD6072HFN Datasheet
313Kb / 6P
Synchronous rectification step-up DC/DC converter for mobile phone
logo
fujitsu semiconductor
MB39A123 FUJITSU-MB39A123 Datasheet
547Kb / 44P
6 ch DC/DC Converter IC with Synchronous Rectification
MB3883 FUJITSU-MB3883_02 Datasheet
452Kb / 40P
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
logo
Rohm
BD6068GUT ROHM-BD6068GUT Datasheet
287Kb / 6P
Synchronous rectification Step-up DC/DC converter for middle phone
BD6069GUT ROHM-BD6069GUT Datasheet
280Kb / 6P
Synchronous rectification step-up DC/DC converter for mobile phone
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com