Electronic Components Datasheet Search
  English  ▼

X  

MB3763P Datasheet (PDF) - fujitsu semiconductor

MB3763P Datasheet PDF - fujitsu semiconductor
Part # MB3763P
Download  MB3763P Download
File Size   89.71 Kbytes
Page   11 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Bidirectional Motor Driver

MB3763P Datasheet (PDF)

Go To PDF Page Download Datasheet
MB3763P Datasheet PDF - fujitsu semiconductor

Part # MB3763P
Download  MB3763P Click to download

File Size   89.71 Kbytes
Page   11 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Bidirectional Motor Driver

MB3763P Datasheet (HTML) - fujitsu semiconductor


MB3763P Product details

■ DESCRIPTION

Fujitsu’s MB3763 Motor Driver with forward/reverse control capability, is used in applications such as the front loading mechanism in video tape, or the auto-reverse tape deck, driven by a TTL signal. The MB3763 has 150 mA drive units and braking capability with TTL control.



■ FEATURES

• Motor Drive Current: 150 mA maximum (DC)

  300 mA maximum (tON = 1 s, Duty = 50 %)

• Wide Power Supply Voltage Range: 4V to 18V

• TTL-control capability

• Standby capability when input is off.

• Brake capability at motor stop mode.

• Built-in diode for surge absorption

• Package: 8-pin plastic DIP package (Suffix: –P)

  8-pin plastic SOP package (Suffix: –PF)



 




Similar Part No. - MB3763P

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3763H FUJITSU-MB3763H Datasheet
76Kb / 11P
Bidirectional Motor Driver
MB3763HPS FUJITSU-MB3763HPS Datasheet
76Kb / 11P
Bidirectional Motor Driver
More results


Similar Description - MB3763P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1641 SANYO-LB1641 Datasheet
75Kb / 4P
Bidirectional Motor Driver
LB1645N SANYO-LB1645N Datasheet
76Kb / 3P
Bidirectional Motor Driver?
logo
fujitsu semiconductor
MB3763H FUJITSU-MB3763H Datasheet
76Kb / 11P
Bidirectional Motor Driver
logo
Sanyo Semicon Device
LB1641 SANYO-LB1641_08 Datasheet
85Kb / 5P
Bidirectional Motor Driver
LB1638 SANYO-LB1638_12 Datasheet
60Kb / 4P
Bidirectional Motor Driver
LB1641 SANYO-LB1641_12 Datasheet
79Kb / 5P
Bidirectional Motor Driver
LB1830MC SANYO-LB1830MC Datasheet
80Kb / 4P
Bidirectional Motor Driver
logo
ON Semiconductor
ENA2016 ONSEMI-ENA2016 Datasheet
114Kb / 4P
Bidirectional Motor Driver
June, 2013
LB1830MC ONSEMI-LB1830MC Datasheet
67Kb / 4P
Bidirectional Motor Driver
May, 2013
LB1838M ONSEMI-LB1838M Datasheet
82Kb / 5P
Bidirectional Motor Driver
June, 2013
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com