Electronic Components Datasheet Search
  English  ▼

X  

129190 Datasheet (PDF) - ERNI Electronics

129190 Datasheet PDF - ERNI Electronics
Part # 129190
Download  129190 Download
File Size   93.39 Kbytes
Page   1 Pages
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics
Description 2.54mm Vertical Dual Row Header SMT with Locating Pegs

129190 Datasheet (PDF)

Go To PDF Page Download Datasheet
129190 Datasheet PDF - ERNI Electronics

Part # 129190
Download  129190 Click to download

File Size   93.39 Kbytes
Page   1 Pages
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics
Description 2.54mm Vertical Dual Row Header SMT with Locating Pegs

129190 Datasheet (HTML) - ERNI Electronics




Similar Part No. - 129190

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1291904 PHOENIX-1291904 Datasheet
770Kb / 27P
Feed-through terminal block - PTV 6 RD
1291906 PHOENIX-1291906 Datasheet
613Kb / 27P
Feed-through terminal block - PTV 6 BK
More results


Similar Description - 129190

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109368 ERNI-109368 Datasheet
45Kb / 1P
MiniMez Vertical Female SMT with pegs 4,6mm
129000 ERNI-129000 Datasheet
271Kb / 1P
2.54MM R/A SINGLE ROW HEADER SMT WITH LOCATILING PEGS
129029 ERNI-129029 Datasheet
278Kb / 1P
2.54MM R/A SINGLE ROW HEADER SMT WITH LOCATING PEGS
129058 ERNI-129058 Datasheet
304Kb / 1P
2.54MM R/A DUAL ROW HEADER SMT WITH LOCATING PEGS
129095 ERNI-129095 Datasheet
283Kb / 1P
2.54MM R/A DUAL ROW HEADER SMT WITH LOCATING PEGS
129132 ERNI-129132 Datasheet
273Kb / 1P
2.54MM VERTICAL SINGLE ROW HEADER SMT WITH LOCATING PEGS
129161 ERNI-129161 Datasheet
276Kb / 1P
2.54MM VERTICAL SINGLE ROW HEADER SMT WITH LOCATING PEGS
129227 ERNI-129227 Datasheet
93Kb / 1P
2.54mm Vertical Dual Row Header SMT with Locating Pegs
logo
Global Connector Techno...
USB4070 GCT-USB4070 Datasheet
264Kb / 3P
USB 3.2 Gen2 Type C Receptacle Vertical, SMT with Shell Stakes & Locating Pegs
5th May 2016
logo
Molex Electronics Ltd.
015910040 MOLEX-015910040 Datasheet
561Kb / 10P
CGRID HEADER ASSY VERTICAL DUAL ROW SMT
2023/03/31
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com