Electronic Components Datasheet Search
  English  ▼

X  

6N139 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

6N139 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # 6N139
Download  6N139 Download
File Size   162.03 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Input Current, High Gain Optocouplers

6N139 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N139 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # 6N139
Download  6N139 Click to download

File Size   162.03 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Input Current, High Gain Optocouplers

6N139 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


6N139 Product details

Description
These high gain series couplers use a Light Emitting Diode and an integrated high gain photodetec tor to provide extremely high current transfer ratio between input and output. Separate pins for the photodiode and output stage result in TTL compatible saturation voltages and high speed operation. Where desired the VCC and VO terminals may be tied together to achieve conven tional photodarlington operation. A base access terminal allows a gain bandwidth adjustment to be made

Features
● High current transfer ratio – 2000% typical (4500 % typical for HCNW139/138)
● Low input current requirements – 0.5 mA
● TTL compatible output – 0.1 V VOL typical
● Performance guaranteed over temperature 0°C to 70°C
● Base access allows gain bandwidth adjustment
● High output current – 60 mA
● Safetyapproval
          UL recognized – 3750 V rms for 1 minute and 5000 Vrms* for 1 minute per UL 1577 CSA approved
          IEC/EN/DIN EN 60747-5-2 approved with VIORM = 1414 Vpeak for HCNW139 and HCNW138
● Available in 8-Pin DIP or SOIC-8 footprint or widebody package
● MIL-PRF-38534 hermetic version available (HCPL-5700/1)

Applications
● Ground isolate most logic families – TTL/TTL, CMOS/TTL, CMOS/CMOS, LSTTL/TTL, CMOS/LSTTL
● Low input current line receiver
● High voltage insulation (HCNW139/138)
● EIA RS-232C line receiver
● Telephone ring detector
● 117 V ac line voltage status indicator – low input power dissipation
● Low power systems – ground isolation




Similar Part No. - 6N139

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
260Kb / 5P
IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
QT Optoelectronics
6N139 QT-6N139 Datasheet
236Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Sharp Corporation
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
logo
Siemens Semiconductor G...
6N139 SIEMENS-6N139 Datasheet
32Kb / 2P
LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
logo
Fairchild Semiconductor
6N139 FAIRCHILD-6N139 Datasheet
249Kb / 13P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Similar Description - 6N139

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
Low Input Current, High Gain Optocouplers
HCPL-2730 HP-HCPL-2730 Datasheet
240Kb / 12P
Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-2730-000E AVAGO-HCPL-2730-000E Datasheet
365Kb / 13P
Dual Channel Low Input Current, High Gain Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com