| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
087760-0816
|
178Kb / 3P |
MGRID, 2MM DUAL ROW HDR. R/A
|
 ERNI Electronics |
109900
|
43Kb / 1P |
iBridge male 2mm pitch Single Row Vertical SMT
|
|
109933
|
30Kb / 1P |
iBridge male 2mm pitch
|
|
109940
|
32Kb / 1P |
iBridge male 2mm pitch
|
|
100103210097
|
50Kb / 1P |
iBridge male pitch Single Row R/A SMT
|
|
100303210055
|
51Kb / 1P |
IBridge male 2mm pitch
|
 Amphenol Corporation |
3211-40093-40094
|
146Kb / 2P |
SMPM MALE PCB SMT W R/A CONTACT
|
|
3211-40106-40107
|
131Kb / 1P |
SMPM MALE PCB SMT W/ R/A CONTACT
|
 Amphenol SV Microwave |
3211-40093-40094
|
570Kb / 2P |
SMPM MALE PCB SMT W/ R/A CONTACT
REV.A 06/20 |
|
3211-40106-40107
|
554Kb / 1P |
SMPM MALE PCB SMT W/R/A CONTACT
REV.A 06/20 |