Electronic Components Datasheet Search
  English  ▼

X  

SAC6.0 Datasheet (PDF) - Vishay Siliconix

SAC6.0 Datasheet PDF - Vishay Siliconix
Part # SAC6.0
Download  SAC6.0 Download
File Size   81.38 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Capacitance TRANSZORB Transient Voltage Suppressors

SAC6.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAC6.0 Datasheet PDF - Vishay Siliconix

Part # SAC6.0
Download  SAC6.0 Click to download

File Size   81.38 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Capacitance TRANSZORB Transient Voltage Suppressors

SAC6.0 Datasheet (HTML) - Vishay Siliconix


SAC6.0 Product details

FEATURES
• Glass passivated chip junction
• 500 W peak pulse power capability with a 10/1000 μs waveform, repetitive rate (duty cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
    Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, and telecommunication.




Similar Part No. - SAC6.0

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC6.0 EIC-SAC6.0 Datasheet
38Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Weitron Technology
SAC6.0 WEITRON-SAC6.0 Datasheet
101Kb / 3P
Low Capacitance Tranient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SAC6.0 TSC-SAC6.0 Datasheet
83Kb / 4P
Low Capacitance Transient Voltage Suppressor Diodes
logo
TAITRON Components Inco...
SAC6.0 TAITRON-SAC6.0 Datasheet
136Kb / 4P
500W Low Capacitance Transient Voltage Suppressor
logo
Vishay Siliconix
SAC6.0 VISHAY-SAC6.0 Datasheet
97Kb / 4P
Low Capacitance TRANSZORB® Transient Voltage Suppressors
20-Oct-08
More results


Similar Description - SAC6.0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
TRANSZORB Transient Voltage Suppressors
20-Jun-06
LCE28A VISHAY-LCE28A Datasheet
93Kb / 5P
Low Capacitance TRANSZORB® Transient Voltage Suppressors
20-Oct-08
SAC50 VISHAY-SAC50 Datasheet
97Kb / 4P
Low Capacitance TRANSZORB® Transient Voltage Suppressors
20-Oct-08
logo
Rectron Semiconductor
BSAC5.0 RECTRON-BSAC5.0 Datasheet
414Kb / 5P
LOW CAPACITANCE TRANSZORB Transient Voltage Suppressors
SAC5.0 RECTRON-SAC5.0 Datasheet
298Kb / 3P
Low Capacitance TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
LCE28A VISHAY-LCE28A_12 Datasheet
80Kb / 4P
Low Capacitance TRANSZORB® Transient Voltage Suppressors
22-Nov-11
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
TRANSZorb Transient Voltage Suppressors
11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
TRANSZORB Transient Voltage Suppressors
20-Nov-12
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
TRANSZORB Transient Voltage Suppressors
22-Oct-08
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
TRANSZORB Transient Voltage Suppressors
18-Sep-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com