Electronic Components Datasheet Search
  English  ▼

X  

K2255 Datasheet (PDF) - Fuji Electric

K2255 Datasheet PDF - Fuji Electric
Part # K2255
Download  K2255 Download
File Size   169.43 Kbytes
Page   2 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description N-channel MOS-FET

K2255 Datasheet (PDF)

Go To PDF Page Download Datasheet
K2255 Datasheet PDF - Fuji Electric

Part # K2255
Download  K2255 Click to download

File Size   169.43 Kbytes
Page   2 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description N-channel MOS-FET

K2255 Datasheet (HTML) - Fuji Electric


K2255 Product details

250V  0,18W   18A   50W



>Features

- High Speed Switching

- Low On-Resistance

- No Secondary Breakdown

- Low Driving Power

- High Voltage

- VGS= ± 30V Guarantee

- Avalanche Proof





>Applications

- Switching Regulators

- UPS

- DC-DC converters

- General Purpose Power Amplifier




Similar Part No. - K2255

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
K225 HITACHI-K225 Datasheet
45Kb / 1P
SILICON N-CHANNEL ENHANCEMENT MOSFET
logo
List of Unclassifed Man...
K2251WHI ETC-K2251WHI Datasheet
9Mb / 19P
Logic Plus™
K2252WHI ETC-K2252WHI Datasheet
9Mb / 19P
Logic Plus™
More results


Similar Description - K2255

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK1085-M FUJI-2SK1085-M Datasheet
179Kb / 2P
N-channel MOS-FET
2SK1278 FUJI-2SK1278 Datasheet
189Kb / 2P
N-channel MOS-FET
2SK1822-01M FUJI-2SK1822-01M Datasheet
185Kb / 2P
N-channel MOS-FET
2SK1881-L FUJI-2SK1881-L Datasheet
203Kb / 2P
N-channel MOS-FET
logo
Sanken electric
FKP202 SANKEN-FKP202 Datasheet
306Kb / 9P
N-Channel MOS FET
SKP202 SANKEN-SKP202 Datasheet
294Kb / 9P
N-Channel MOS FET
FKP250A SANKEN-FKP250A Datasheet
314Kb / 9P
N-Channel MOS FET
FKP280A SANKEN-FKP280A Datasheet
377Kb / 9P
N-Channel MOS FET
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com