Electronic Components Datasheet Search
  English  ▼

X  

PMB8510P Datasheet (PDF) - Ericsson

PMB8510P Datasheet PDF - Ericsson
Part # PMB8510P
Download  PMB8510P Download
File Size   1587.88 Kbytes
Page   32 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description DC/DC regulator Input 8.3 - 16 V Output 16 A

PMB8510P Datasheet (PDF)

Go To PDF Page Download Datasheet
PMB8510P Datasheet PDF - Ericsson

Part # PMB8510P
Download  PMB8510P Click to download

File Size   1587.88 Kbytes
Page   32 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description DC/DC regulator Input 8.3 - 16 V Output 16 A

PMB8510P Datasheet (HTML) - Ericsson


PMB8510P Product details

The PMB series of SIL DC/DC regulators (POL) are intended to be used as local distributed power sources in distributed power architecture. The single in-line design makes the PMB series suitable for applications where boardspace is limited. The high efficiency and high reliability of the PMB series makes them particularly suited for the communications equipment of today and tomorrow.

Key Features
•  Wide input, 8.3 - 16 Vdc
•  Programmable output, 0.75 - 5.5 Vdc
•  Monotonic start up into pre-biased output
•  Under voltage protection
•  Short circuit protection
•  Remote sense
•  Remote On/Off
•  Design for Environment (DfE)
•  European Commission Directive 2002/95/EC (RoHs) compliant




Similar Part No. - PMB8510P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB8680 INFINEON-PMB8680 Datasheet
170Kb / 2P
Dual-Band RF Transceiver for WLAN System Solutions
2003
PMB8752 INFINEON-PMB8752 Datasheet
185Kb / 2P
BlueMoon Universal Next Generation Bluetooth Chip Family
2004-01-01
PMB8753 INFINEON-PMB8753 Datasheet
185Kb / 2P
BlueMoon Universal Next Generation Bluetooth Chip Family
2004-01-01
PMB8761 INFINEON-PMB8761 Datasheet
156Kb / 2P
BlueMoon Single Cellular
2004-01-01
PMB8787 INFINEON-PMB8787 Datasheet
150Kb / 2P
Dual-Band Modem IC (PHY) for WLAN System Solutions
2003
More results


Similar Description - PMB8510P

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBA-03A1AX BEL-SRBA-03A1AX Datasheet
155Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/3 A Output
SRBC-10A2AX BEL-SRBC-10A2AX Datasheet
200Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/10 A Output
SRBC-16A1AX BEL-SRBC-16A1AX Datasheet
196Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output
SRBC-16A2AX BEL-SRBC-16A2AX Datasheet
200Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output
VRBA-06A2AX BEL-VRBA-06A2AX Datasheet
300Kb / 10P
NON-ISOLATED DC/DC CONVERTERS 8.3 V - 14 V Input 0.75 V - 5.5 V/6 A Output
VRBC-16A2AX BEL-VRBC-16A2AX Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.5 V/16 A Output
logo
Ericsson
PMB4518TWP ERICSSON-PMB4518TWP Datasheet
1Mb / 29P
DC/DC regulator Input 3.0 - 5.5 V Output 16 A
PMC8818TS ERICSSON-PMC8818TS Datasheet
1Mb / 34P
DC/DC regulator Input 8.3 - 16 V Output 16 A
PMC4318TWS ERICSSON-PMC4318TWS Datasheet
1Mb / 31P
DC/DC regulator Input 3.0 - 5.5 V Output 10 A
logo
List of Unclassifed Man...
PKU4913D ETC2-PKU4913D Datasheet
2Mb / 20P
DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com