Electronic Components Datasheet Search
  English  ▼

X  

109418 Datasheet (PDF) - ERNI Electronics

109418 Datasheet PDF - ERNI Electronics
Part # 109418
Download  109418 Download
File Size   45.55 Kbytes
Page   1 Pages
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics
Description MiniMez Vertical Female SMT with pegs 4,6mm

109418 Datasheet (PDF)

Go To PDF Page Download Datasheet
109418 Datasheet PDF - ERNI Electronics

Part # 109418
Download  109418 Click to download

File Size   45.55 Kbytes
Page   1 Pages
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics
Description MiniMez Vertical Female SMT with pegs 4,6mm

109418 Datasheet (HTML) - ERNI Electronics




Similar Part No. - 109418

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1094189 PHOENIX-1094189 Datasheet
179Kb / 4P
PSD-S 50 AS SCREW ME - Screw insert
More results


Similar Description - 109418

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109000 ERNI-109000 Datasheet
38Kb / 1P
MiniMez Vertical Male SMT
109055 ERNI-109055 Datasheet
38Kb / 1P
MiniMez Vertical Male SMT
109110 ERNI-109110 Datasheet
38Kb / 1P
MiniMez Vertical Male SMT
109165 ERNI-109165 Datasheet
44Kb / 1P
MiniMez Vertical Male SMT
109294 ERNI-109294 Datasheet
27Kb / 1P
MiniMez Vertical Male DIP without pegs 5,4mm
109331 ERNI-109331 Datasheet
27Kb / 1P
MiniMez Vertical Male DIP without pegs 7,4mm
109423 ERNI-109423 Datasheet
50Kb / 1P
MiniMez Vertical Female SMT with Bracket&Pegs 12,6mm
109478 ERNI-109478 Datasheet
28Kb / 1P
MiniMez Vertical Female DIP w/o pegs 4,6mm
109552 ERNI-109552 Datasheet
43Kb / 1P
MiniMez Male with Ejector SMT Blindmate
109635 ERNI-109635 Datasheet
37Kb / 1P
MiniMez Male SMT Non-BM with Peg for female IDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com