Electronic Components Datasheet Search
  English  ▼

X  

109227 Datasheet (PDF) - ERNI Electronics

109227 Datasheet PDF - ERNI Electronics
Part # 109227
Download  109227 Download
File Size   27.06 Kbytes
Page   1 Pages
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics
Description MiniMez Vertical Male DIP

109227 Datasheet (PDF)

Go To PDF Page Download Datasheet
109227 Datasheet PDF - ERNI Electronics

Part # 109227
Download  109227 Click to download

File Size   27.06 Kbytes
Page   1 Pages
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics
Description MiniMez Vertical Male DIP

109227 Datasheet (HTML) - ERNI Electronics




Similar Part No. - 109227

ManufacturerPart #DatasheetDescription
logo
RUKO GmbH Präzisionswe...
109220 RUKO-109220 Datasheet
305Kb / 1P
Screw-hole punches with three-point cutting tip
109220K RUKO-109220K Datasheet
305Kb / 1P
Screw-hole punches with three-point cutting tip
logo
Infineon Technologies A...
10922210 INFINEON-10922210 Datasheet
1Mb / 33P
Analog AMR/GMR Angle Sensors
V 2.0 2018-12
logo
PHOENIX CONTACT
1092241 PHOENIX-1092241 Datasheet
255Kb / 8P
ECS-B-122X109-S-UV1-V VPE20 - Electronics housing
logo
RUKO GmbH Präzisionswe...
109225 RUKO-109225 Datasheet
305Kb / 1P
Screw-hole punches with three-point cutting tip
More results


Similar Description - 109227

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109000 ERNI-109000 Datasheet
38Kb / 1P
MiniMez Vertical Male SMT
109055 ERNI-109055 Datasheet
38Kb / 1P
MiniMez Vertical Male SMT
109110 ERNI-109110 Datasheet
38Kb / 1P
MiniMez Vertical Male SMT
109165 ERNI-109165 Datasheet
44Kb / 1P
MiniMez Vertical Male SMT
109257 ERNI-109257 Datasheet
27Kb / 1P
MiniMez Vertical Male DIP
109294 ERNI-109294 Datasheet
27Kb / 1P
MiniMez Vertical Male DIP without pegs 5,4mm
109331 ERNI-109331 Datasheet
27Kb / 1P
MiniMez Vertical Male DIP without pegs 7,4mm
109478 ERNI-109478 Datasheet
28Kb / 1P
MiniMez Vertical Female DIP w/o pegs 4,6mm
109515 ERNI-109515 Datasheet
35Kb / 1P
MiniMez Vertical Female DIP without clips 12,6mm
109585 ERNI-109585 Datasheet
42Kb / 1P
MiniMez Male with Ejector DIP solder w/o clips w/o peg BM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com