| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTD60N02R
|
81Kb / 8P |
Power MOSFET 62 A, 24 V, N-Channel, DPAK
December, 2004 ??Rev. 10 |
|
NTD78N03
|
83Kb / 8P |
Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
February, 2005 ??Rev. 0 |
|
NTD5804N
|
132Kb / 6P |
Power MOSFET 40 V, 69 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0 |
|
NTD78N03R
|
215Kb / 8P |
Power MOSFET 25 V, 85 A, Single N?묬hannel, DPAK
August, 2006 ??Rev. 4 |
|
NTD4302
|
118Kb / 7P |
Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8 |
|
NTD4302T4G
|
118Kb / 7P |
Power MOSFET 68 A, 30 V, N?묬hannel DPAK
October, 2010 ??Rev. 8 |
|
NTD78N03-35G
|
76Kb / 7P |
Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6 |
|
NTD5802NT4G
|
130Kb / 7P |
Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6 |
|
NTD78N03-1G
|
87Kb / 7P |
Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6 |
|
NTD4860N-35G
|
124Kb / 8P |
25 V, 65 A, Single N?묬hannel, DPAK/IPAK
August, 2014 ??Rev. 2 |