Electronic Components Datasheet Search
  English  ▼

X  

MC68LC302RC20 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68LC302RC20 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68LC302RC20
Download  MC68LC302RC20 Download
File Size   570.19 Kbytes
Page   6 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Low Cost Integrated Multiprotocol Processor

MC68LC302RC20 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68LC302RC20 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68LC302RC20
Download  MC68LC302RC20 Click to download

File Size   570.19 Kbytes
Page   6 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Low Cost Integrated Multiprotocol Processor

MC68LC302RC20 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68LC302RC20 Product details

Low Cost Integrated Multiprotocol Processor

Freescale introduces the low cost version of the well-known MC68302 Integrated Multiprotocol Processor (IMP). It will be known as the MC68LC302, and will expand a family of devices based on the MC68302.
Some features and pins have been removed while other features have been enhanced as compared to the original MC68302. Simply put, the MC68LC302 is a traditional MC68302 with a new static 68000 core, a new timer and low power modes, but without the third serial communication controller (SCC). It is packaged in a low profile 100 TQFP that requires less board space than the regular MC68302, as well as making it suitable for use in height restricted applications such as PCMCIA.

FEATURES
The features of the MC68LC302 are as follows. Bold face items show major differences from the MC68302.
• On-Chip Static 68000 Core Supporting a 16- or 8-Bit M68000 Family System
• SIB Including:
   — Independent Direct Memory Access (IDMA) Controller
   — Interrupt Controller with Two Modes of Operation
   — Parallel Input/Output (I/O) Ports, Some with Interrupt Capability
   — On-Chip 1152-Byte Dual-Port RAM
   — Three Timers Including a Watchdog Timer
   — New Periodic Interrupt Timer (PIT)
   — Four Programmable Chip-Select Lines with Wait-State Generator Logic
   — Programmable Address Mapping of the Dual-Port RAM and IMP Registers
   — On-Chip Clock Generator with Output Signal
   — On-Chip PLL Allows Operation with 32 kHz or 4 MHz Crystals
   — Glueless Interface to EPROM, SRAM, Flash EPROM, and EEPROM
   — Allows Boot in 8-bit Mode, and Running Switch to 16-bit Mode
   — System Control:
      System Status and Control Logic
      Disable CPU Logic (Slave Mode Operation)
      Hardware Watchdog
      New Low-Power (Standby) Modes with Wake-Up from Two Pins or PIT
      Freeze Control for Debugging (Available Only in the PGA Package)
      DRAM Refresh Controller
• CP Including:
   — Main Controller (RISC Processor)
   — Two Independent Full-Duplex Serial Communications Controllers (SCCs)
   — Supporting Various Protocols:
      High-Level/Synchronous Data Link Control (HDLC/SDLC)
      Universal Asynchronous Receiver Transmitter (UART)
      Binary Synchronous Communication (BISYNC)
      Transparent Modes
      Autobaud Support




Similar Part No. - MC68LC302RC20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68LC302RC20 FREESCALE-MC68LC302RC20 Datasheet
569Kb / 6P
Low Cost Integrated Multiprotocol Processor
MC68LC302RC20 FREESCALE-MC68LC302RC20 Datasheet
570Kb / 6P
Low Cost Integrated Multiprotocol Processor
More results


Similar Description - MC68LC302RC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
Low Power Integrated Multiprotocol Processor Reference Manual
logo
ATMEL Corporation
TS68302 ATMEL-TS68302 Datasheet
1Mb / 47P
Integrated Multiprotocol Processor IMP
logo
Motorola, Inc
MC68EN302 MOTOROLA-MC68EN302 Datasheet
223Kb / 8P
Integrated Multiprotocol Processor with Ethernet
MC68PM302 MOTOROLA-MC68PM302 Datasheet
810Kb / 6P
Integrated Multiprotocol Processor with PCMCIA
MC68QH302 MOTOROLA-MC68QH302 Datasheet
26Kb / 6P
Quad HDLC Integrated Multiprotocol Processor
logo
Freescale Semiconductor...
MC68LC302 FREESCALE-MC68LC302 Datasheet
569Kb / 6P
Low Cost Integrated Multiprotocol Processor
MC68LC302AF20VCT FREESCALE-MC68LC302AF20VCT Datasheet
570Kb / 6P
Low Cost Integrated Multiprotocol Processor
MC68LC302AF16CT FREESCALE-MC68LC302AF16CT Datasheet
570Kb / 6P
Product Brief Low Cost Integrated Multiprotocol Processor
MC68LC302AF20CT FREESCALE-MC68LC302AF20CT Datasheet
575Kb / 6P
Low Cost Integrated Multiprotocol Processor
logo
NXP Semiconductors
MC68PM302 NXP-MC68PM302 Datasheet
868Kb / 6P
Integrated Multiprotocol Processor with PCMCIA
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com