Electronic Components Datasheet Search
  English  ▼

X  

PBL38085 Datasheet (PDF) - Ericsson

PBL38085 Datasheet PDF - Ericsson
Part # PBL38085
Download  PBL38085 Download
File Size   94.1 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Integrated circuit for transformerless driving of battery powered EL (electroluminicent) lamps

PBL38085 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBL38085 Datasheet PDF - Ericsson

Part # PBL38085
Download  PBL38085 Click to download

File Size   94.1 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description Integrated circuit for transformerless driving of battery powered EL (electroluminicent) lamps

PBL38085 Datasheet (HTML) - Ericsson


PBL38085 Product details

Description.
PBL 380 85 is a monolithic integrated circuit for supplying power to an EL (electroluminicent) lamp. This is intended to replace the LCD background illumination system in battery powered handheld equipment with a low power EL- lamp. Especially suitable for mobile phones where current saving is highly important, as background illumination for both LCD and keyboard. Output voltage max. 190V, min. 170V at max.

Key features.
• Minimum number of external components for function: 1 choke, 1 filter-capacitor and 1 resistor.
• Easy adaption to various lamp specifications.
• Easy dimming function by controlling the duty cycle.
• Extensive current saving feature compared with LEDs.
• Power down function <<1µA.
• Supply voltage down to 3V.
• Comes in a 3x3 mm package
• Lights up to 20nF lamp capacitance area depending on lamp parameter nF/cm2.




Similar Part No. - PBL38085

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3852 ERICSSON-PBL3852 Datasheet
404Kb / 24P
Universal Transmission Circuit
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
Universal Speech Circuit
PBL3853N ERICSSON-PBL3853N Datasheet
256Kb / 16P
Universal Speech Circuit
PBL3853SO ERICSSON-PBL3853SO Datasheet
256Kb / 16P
Universal Speech Circuit
PBL3853SO-T ERICSSON-PBL3853SO-T Datasheet
256Kb / 16P
Universal Speech Circuit
More results


Similar Description - PBL38085

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
M57962K POWEREX-M57962K Datasheet
356Kb / 6P
Hybrid Integrated Circuit For Driving IGBT Modules
logo
Hamamatsu Corporation
C10423 HAMAMATSU-C10423 Datasheet
154Kb / 2P
DRIVING CIRCUIT
logo
Rohm
BU9797FUV ROHM-BU9797FUV Datasheet
662Kb / 28P
Integrated Buffer AMP for LCD Driving
BU9797FUV-M ROHM-BU9797FUV-M Datasheet
803Kb / 28P
Integrated Buffer AMP for LCD Driving
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
System PMIC for Battery Powered Systems
logo
ETAL Group
E-1073 ETAL-E-1073 Datasheet
268Kb / 6P
Battery and cable protection for all types of vehicle (including electric), battery powered systems.
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
Battery-powered for portable applications
Rev. A
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
Programmable PMIC for Battery-Powered Systems
logo
Schneider Electric
6500W SCHNEIDER-6500W Datasheet
116Kb / 2P
Battery powered magnetic watermeter for district metering of potable water
Apr 26, 2022
IMT65W SCHNEIDER-IMT65W Datasheet
105Kb / 1P
Battery powered magnetic watertransmitter for district metering of potable water
Apr 26, 2022
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com