Electronic Components Datasheet Search
  English  ▼

X  

SMAZ10 Datasheet (PDF) - Diodes Incorporated

SMAZ10 Datasheet PDF - Diodes Incorporated
Part # SMAZ10
Download  SMAZ10 Download
File Size   129.99 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0W Power Dissipation

SMAZ10 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAZ10 Datasheet PDF - Diodes Incorporated

Part # SMAZ10
Download  SMAZ10 Click to download

File Size   129.99 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0W Power Dissipation

SMAZ10 Datasheet (HTML) - Diodes Incorporated


SMAZ10 Product details

Features
• 1.0W Power Dissipation
• High Surge Capability
• Ideally Suited for Automatic Assembly
• 5.1V - 39V Nominal Zener Voltage Range
• Standard VZ Tolerance is ± 5%




Similar Part No. - SMAZ10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAZ10 DIODES-SMAZ10 Datasheet
60Kb / 3P
1.0A SURFACE MOUNT ZENER DIODE
DS18015 Rev. 9 - 2
logo
Vishay Siliconix
SMAZ10 VISHAY-SMAZ10 Datasheet
171Kb / 3P
1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ10 DIODES-SMAZ10 Datasheet
90Kb / 4P
1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
EIC discrete Semiconduc...
SMAZ10 EIC-SMAZ10 Datasheet
64Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
SMAZ10 DIODES-SMAZ10 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
More results


Similar Description - SMAZ10

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAZ24-TP MCC-SMAZ24-TP Datasheet
313Kb / 4P
Halogen free available upon request by adding suffix "-HF" 1.0W Power Dissipation
logo
LIGITEK electronics co....
LGXW-521E-TR1-CW LIGITEK-LGXW-521E-TR1-CW Datasheet
462Kb / 13P
1.0W Power Light LED
logo
List of Unclassifed Man...
QBHP684UE-IWU-WW ETC1-QBHP684UE-IWU-WW Datasheet
941Kb / 13P
1.0W High Power LED
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
logo
Shenzhen Luguang Electr...
1N5333B LUGUANG-1N5333B Datasheet
3Mb / 5P
POWER DISSIPATION
logo
SHIKUES Electronics
MMBD2838 SKTECHNOLGY-MMBD2838 Datasheet
383Kb / 2P
Power dissipation
MMBTA13 SKTECHNOLGY-MMBTA13 Datasheet
1Mb / 4P
Power dissipation
PZT2222A SKTECHNOLGY-PZT2222A Datasheet
1Mb / 4P
Power dissipation
S9013 SKTECHNOLGY-S9013 Datasheet
525Kb / 2P
Power dissipation
logo
List of Unclassifed Man...
AN8053N ETC-AN8053N Datasheet
163Kb / 5P
1.0W Power Amplifier
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com