Electronic Components Datasheet Search
  English  ▼

X  

SMAJ4731A Datasheet (PDF) - Micro Commercial Components

SMAJ4731A Datasheet PDF - Micro Commercial Components
Part # SMAJ4731A
Download  SMAJ4731A Download
File Size   426.85 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1 Watt Zener Diode 3.3 to 75 Volts

SMAJ4731A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ4731A Datasheet PDF - Micro Commercial Components

Part # SMAJ4731A
Download  SMAJ4731A Click to download

File Size   426.85 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1 Watt Zener Diode 3.3 to 75 Volts

SMAJ4731A Datasheet (HTML) - Micro Commercial Components


SMAJ4731A Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Low Zener Impedance
• Low Regulation Factor
• VZ – tolerance: ±5%
• For Surface Mount Applications
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)




Similar Part No. - SMAJ4731A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4731A MCC-SMAJ4731A Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
logo
List of Unclassifed Man...
SMAJ4731A ETC2-SMAJ4731A Datasheet
190Kb / 2P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMAJ4731A SUNMATE-SMAJ4731A Datasheet
142Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
More results


Similar Description - SMAJ4731A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4728 MCC-DL4728 Datasheet
84Kb / 2P
1 Watt Zener Diode 3.3 to 100 Volts
1N4728 MCC-1N4728_11 Datasheet
209Kb / 4P
1.0 Watt Zener Diode 3.3 to 75 Volts
DL4728 MCC-DL4728_08 Datasheet
260Kb / 3P
1 Watt Zener Diode 3.3 to 75 Volts
DL4728A-TP MCC-DL4728A-TP Datasheet
256Kb / 3P
1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4744A-TP MCC-SMAJ4744A-TP Datasheet
426Kb / 4P
1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4742A-TP MCC-SMAJ4742A-TP Datasheet
426Kb / 4P
1 Watt Zener Diode 3.3 to 75 Volts
1N4728A MCC-1N4728A Datasheet
296Kb / 4P
1.0 Watt Zener Diode 3.3 to 75 Volts
DL4728A MCC-DL4728A Datasheet
263Kb / 3P
1 Watt Zener Diode 3.3 to 75 Volts
ERD75F MCC-ERD75F Datasheet
245Kb / 4P
1000 mW Zener Diode 3.3 to 75 Volts
SMAJ4728A MCC-SMAJ4728A_18 Datasheet
559Kb / 5P
1 Watt Zener Diode 3.3 to 4.7 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com