Electronic Components Datasheet Search
  English  ▼

X  

SMF85A Datasheet (PDF) - Socay Electornics Co., Ltd.

SMF85A Datasheet PDF - Socay Electornics Co., Ltd.
Part # SMF85A
Download  SMF85A Download
File Size   447.48 Kbytes
Page   6 Pages
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Description Surface Mount Transient Voltage Suppressors (TVS)

SMF85A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF85A Datasheet PDF - Socay Electornics Co., Ltd.

Part # SMF85A
Download  SMF85A Click to download

File Size   447.48 Kbytes
Page   6 Pages
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Description Surface Mount Transient Voltage Suppressors (TVS)

SMF85A Datasheet (HTML) - Socay Electornics Co., Ltd.


SMF85A Product details

SMF Series 5.0 To 190 V 200W



Description

The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events.



Features

♦ Compatible with industrial standard package SOD-123

♦ For surface mounted applications in order to optimize board space

♦ Low leakage

♦ Uni and Bidirectional unit

♦ Glass passivated junction

♦ Low inductance

♦ Excellent clamping capability

♦ 200W Peak power capability at 10 × 1000µs waveform Repetition rate (duty cycle):0.01%

♦ Fast response time: typically less than 1.0ps from 0 Volts to VBR min

♦ High Temperature soldering: 260°C/40 seconds at terminals

♦ Typical maximum temperature coefficient ΔVBR = 0.1% × VBR@25°C× ΔT

♦ Plastic package has Underwriters Laboratory Flammability 94V-0

♦ Matte tin lead–free Plated

♦ Halogen free and RoHS compliant

♦ Typical failure mode is short from over-specified voltage or current

♦ Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c

♦ IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)

♦ ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2)

♦ EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4)



Applications

  TVS devices are ideal for the protection of I/O interfaces, VCC bus and other vulnerable circuits used in Telecom, Computer, Industrial and Consumer electronic applications.



 




Similar Part No. - SMF85A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF85A ONSEMI-SMF85A Datasheet
69Kb / 6P
Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Pan Jit International I...
SMF85A PANJIT-SMF85A Datasheet
121Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMF85A MCC-SMF85A Datasheet
289Kb / 5P
200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
EIC discrete Semiconduc...
SMF85A EIC-SMF85A Datasheet
140Kb / 3P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSOR
logo
Pan Jit International I...
SMF85A PANJIT-SMF85A Datasheet
109Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SMF85A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ10A SOCAY-SMAJ10A Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ10CA SOCAY-SMAJ10CA Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ11 SOCAY-SMAJ11 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ11C SOCAY-SMAJ11C Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ12 SOCAY-SMAJ12 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ SOCAY-SMAJ Datasheet
1Mb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com