Electronic Components Datasheet Search
  English  ▼

X  

UM3501DA Datasheet (PDF) - Union Semiconductor, Inc.

UM3501DA Datasheet PDF - Union Semiconductor, Inc.
Part # UM3501DA
Download  UM3501DA Download
File Size   382.08 Kbytes
Page   11 Pages
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.
Description 600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter

UM3501DA Datasheet (PDF)

Go To PDF Page Download Datasheet
UM3501DA Datasheet PDF - Union Semiconductor, Inc.

Part # UM3501DA
Download  UM3501DA Click to download

File Size   382.08 Kbytes
Page   11 Pages
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.
Description 600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter

UM3501DA Datasheet (HTML) - Union Semiconductor, Inc.




Similar Part No. - UM3501DA

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3501DA UNIONSEMI-UM3501DA Datasheet
445Kb / 11P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
More results


Similar Description - UM3501DA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
600mA 3MHz Synchronous Step-Down DC-DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
600mA Step-down DC/DC Converter with Synchronous Rectifier
Rev 1
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Fitipower Integrated Te...
FR9886A FITIPOWER-FR9886A Datasheet
654Kb / 13P
21V, 2A, 1.2MHz Synchronous Step-Down DC/DC Converter
FR9888A FITIPOWER-FR9888A Datasheet
1Mb / 13P
21V, 3A, 1.2MHz Synchronous Step-Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com