Electronic Components Datasheet Search
  English  ▼

X  

66361-4 Datasheet (PDF) - Tyco Electronics

66361-4 Datasheet PDF - Tyco Electronics
Part # 66361-4
Download  66361-4 Download
File Size   415.0 Kbytes
Page   9 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Signal Contacts

66361-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
66361-4 Datasheet PDF - Tyco Electronics

Part # 66361-4
Download  66361-4 Click to download

File Size   415.0 Kbytes
Page   9 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Signal Contacts

66361-4 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 66361-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
66361-4 TEC-66361-4 Datasheet
501Kb / 3P
Circular Hybrid Connector
66361-4 TEC-66361-4 Datasheet
70Kb / 1P
PIN ASSEMBLY, LOOSE PIECE, TYPE III
7-8-92
More results


Similar Description - 66361-4

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459856251 MOLEX6-0459856251 Datasheet
471Kb / 7P
1.27mm (.050"), 12.00mm (.472") Pitch, EXTreme LPHPower Header, Right Angle, 6Power Contacts, 28 Signal Contacts
logo
Winchester Electronics ...
RM27W2S-50-ZB WINCHESTER-RM27W2S-50-ZB Datasheet
96Kb / 1P
27W2S HOUSING WITH SOLDER CUP SIGNAL CONTACTS
logo
TE Connectivity Ltd
V23005 TEC-V23005 Datasheet
775Kb / 4P
Contacts for signal loads and currents up to 5A
logo
Picker Components
PC324 PICKER-PC324_17 Datasheet
551Kb / 2P
Subminiature PCB Signal Relay With Bifurcated Contacts
PC324S PICKER-PC324S_17 Datasheet
557Kb / 2P
Subminiature PCB Signal Relay With Bifurcated Contacts
logo
Harwin Plc
G125-1010005 HARWIN-G125-1010005 Datasheet
194Kb / 2P
G125 SERIES MALE CRIMP SIGNAL CONTACTS
logo
PHOENIX CONTACT
1628218 PHOENIX-1628218 Datasheet
228Kb / 8P
Silver-plated surface of the power and signal contacts
1627760 PHOENIX-1627760 Datasheet
128Kb / 5P
Silver-plated surface of the power and signal contacts
logo
Molex Electronics Ltd.
1202300010 MOLEX-1202300010 Datasheet
39Kb / 1P
Brad M23 Signal Connector, Straight Female, Solder Contacts, 7 Poles
1202300022 MOLEX-1202300022 Datasheet
39Kb / 1P
Brad M23 Signal Connector, Straight Female, Crimp Contacts, 9 Poles
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com