Electronic Components Datasheet Search
  English  ▼

X  

MAX212CD Datasheet (PDF) - Maxim Integrated Products

MAX212CD Datasheet PDF - Maxim Integrated Products
Part # MAX212CD
Download  MAX212CD Download
File Size   116.93 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V-Powered, Low-Power, True RS-232 Transceiver

MAX212CD Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX212CD Datasheet PDF - Maxim Integrated Products

Part # MAX212CD
Download  MAX212CD Click to download

File Size   116.93 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V-Powered, Low-Power, True RS-232 Transceiver

MAX212CD Datasheet (HTML) - Maxim Integrated Products


MAX212CD Product details

General Description
The MAX212 RS-232 transceiver is intended for 3V-powered EIA/TIA-232E and V.28/V.24 communication interfaces where 3 drivers and 5 receivers are needed with minimum power consumption. The operating voltage range extends from 3.6V down to 3.0V while still maintaining true RS-232 and EIA/TIA-562 voltage levels.

Features
SUPERIOR TO BIPOLAR:
♦ Operates from Single +3.0V to +3.6V Supply
♦ 24-Pin SSOP or Wide SO Packages
♦ Meets All EIA/TIA-232E & EIA/TIA-562 Specifications
♦ 3mA Max Supply Current (Unloaded)
♦ 1µA Low-Power Shutdown Mode
♦ All Receivers Active During Low-Power Shutdown
♦ Mouse Compatible at 3.0V
♦ Low-Cost, Surface-Mount External Components
♦ 120kbps Guaranteed Data Rate—LapLink™ Compatible
♦ Three-State Receiver Outputs
♦ Evaluation Kit Available
♦ Flow-Through Pinout

Applications
    Computers
        Notebooks/Palmtops/Subnotebooks
    Printers
    Peripherals
    Instruments




Similar Part No. - MAX212CD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX212 MAXIM-MAX212 Datasheet
580Kb / 20P
5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX212 MAXIM-MAX212 Datasheet
132Kb / 12P
Programmable DTE/DCE, 5V RS-232 Transceiver
19-0199; Rev 1; 8/95
MAX2120 MAXIM-MAX2120 Datasheet
314Kb / 21P
Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Rev 0; 6/07
MAX2120 MAXIM-MAX2120 Datasheet
223Kb / 21P
Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Rev 2; 5/10
MAX2120 MAXIM-MAX2120 Datasheet
650Kb / 11P
All Critical Peripheral Components Included
Rev 2; 11/14
More results


Similar Description - MAX212CD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7306 AD-AD7306 Datasheet
149Kb / 8P
5 V Powered RS-232/RS-422 Transceiver
logo
Dallas Semiconductor
DS275 DALLAS-DS275 Datasheet
126Kb / 8P
Line-Powered RS-232 Transceiver Chip
logo
Maxim Integrated Produc...
MAX218 MAXIM-MAX218 Datasheet
92Kb / 8P
1.8V to 4.25V-Powered, True RS-232 Dual Transceiver
19-0246; Rev 1; 7/95
MAX2511 MAXIM-MAX2511 Datasheet
263Kb / 8P
Complete, 5V-Powered, Isolated, Dual RS-232 Transceiver Module
19-2370; Rev 2; 10/91
MAX3221 MAXIM-MAX3221 Datasheet
318Kb / 16P
1μA Supply-Current, True 3V to 5.5V RS 232 Transceiver with AutoShutdown
Rev 6; 3/99
logo
Sipex Corporation
SP3203 SIPEX-SP3203 Datasheet
121Kb / 14P
3V RS-232 Serial Transceiver with Logic Selector
SP385E-1 SIPEX-SP385E-1 Datasheet
98Kb / 11P
True 3V or 5V RS-232 Line Driver/Receiver
logo
Tiger Electronic Co.,Lt...
MAX232 TGS-MAX232 Datasheet
330Kb / 7P
5V-Powered, Multichannel RS-232
logo
Exar Corporation
SP3203E EXAR-SP3203E Datasheet
649Kb / 16P
3V RS-232 Serial Transceiver
logo
Analog Devices
AD7306 AD-AD7306_V01 Datasheet
174Kb / 10P
5 V Powered RS-232/RS-422 Transceiver
Rev. D
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com