Electronic Components Datasheet Search
  English  ▼

X  

EXC3B Datasheet (PDF) - Panasonic Semiconductor

EXC3B Datasheet PDF - Panasonic Semiconductor
Part # EXC3B
Download  EXC3B Download
File Size   134.69 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Chip Bead Cores

EXC3B Datasheet (PDF)

Go To PDF Page Download Datasheet
EXC3B Datasheet PDF - Panasonic Semiconductor

Part # EXC3B
Download  EXC3B Click to download

File Size   134.69 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Chip Bead Cores

EXC3B Datasheet (HTML) - Panasonic Semiconductor


EXC3B Product details

Chip Bead Cores

■ Features
● Effective noise suppression for power lines and high
   speed signal lines
● Easy pattern layout on PC Board
● RoHS compliant

Type: EXCCL, EXCML
● Low DC Resistance 3 to 8 mΩ typical: Rated
   current (3 and 4 Amperes) (type: EXCML)
● Low impedance

Type: EXC3B
● High impedance for high speed signal line noise
● Increased attenuation
● 60 Ω-1 A, 120 Ω-0.5 A are achieved by using 1608
   size (type: EXC3BP)
  
■ Recommended Applications
● Digital equipment such as PCs, word processors,
   printers, HDD, PCC, CD-ROMs, DVD-ROMs.
● Digital audio and video equipment such as VCRs,
   DVC, CD Players, DVD Players.
● AC adapters, and switching power supplies.
● Electronic musical instruments, and other digital
   equipment.




Similar Part No. - EXC3B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXC3BB102H PANASONIC-EXC3BB102H Datasheet
293Kb / 8P
Chip Bead Cores
EXC3BB102H PANASONIC-EXC3BB102H Datasheet
134Kb / 7P
Chip Bead Cores
EXC3BB221H PANASONIC-EXC3BB221H Datasheet
293Kb / 8P
Chip Bead Cores
EXC3BB221H PANASONIC-EXC3BB221H Datasheet
134Kb / 7P
Chip Bead Cores
EXC3BB601H PANASONIC-EXC3BB601H Datasheet
293Kb / 8P
Chip Bead Cores
More results


Similar Description - EXC3B

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
MULTILAYER CHIP BEAD
logo
Panasonic Semiconductor
EXCCL4532U1 PANASONIC-EXCCL4532U1 Datasheet
293Kb / 8P
Chip Bead Cores
EXC28BA121U PANASONIC-EXC28BA121U Datasheet
175Kb / 5P
Chip Bead Array
EXCELSA24 PANASONIC-EXCELSA24 Datasheet
288Kb / 5P
EMI Bead Cores
logo
Murata Manufacturing Co...
BLM15PD121SN1D MURATA-BLM15PD121SN1D Datasheet
47Kb / 2P
Chip Ferrite Bead
logo
Panasonic Semiconductor
EXC-ELDR35V PANASONIC-EXC-ELDR35V Datasheet
122Kb / 5P
EMI Bead Cores
EXC-ELSA39 PANASONIC-EXC-ELSA39 Datasheet
110Kb / 4P
EMI Bead Cores
EXC-3BP600H PANASONIC-EXC-3BP600H Datasheet
134Kb / 7P
Chip Bead Cores
logo
Kemet Corporation
B-20 KEMET-B-20 Datasheet
535Kb / 6P
B-20 Series Bead Cores
logo
AiT Semiconductor Inc.
FBP AITSEMI-FBP Datasheet
197Kb / 4P
MULTILAYER CHIP BEAD
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com