Electronic Components Datasheet Search
  English  ▼

X  

LB135DS01 Datasheet (PDF) - SIPAT Co,Ltd

LB135DS01 Datasheet PDF - SIPAT Co,Ltd
Part # LB135DS01
Download  LB135DS01 Download
File Size   282.86 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 135.42MHz Low-Loss SAWF

LB135DS01 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB135DS01 Datasheet PDF - SIPAT Co,Ltd

Part # LB135DS01
Download  LB135DS01 Click to download

File Size   282.86 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 135.42MHz Low-Loss SAWF

LB135DS01 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - LB135DS01

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB135DS01 SIPAT-LB135DS01 Datasheet
277Kb / 3P
135.42MHz Low-Loss SAWF 8MHz Bandwidth
More results


Similar Description - LB135DS01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3562 ETC1-B3562 Datasheet
73Kb / 6P
LOW-LOSS FILTER
logo
SIPAT Co,Ltd
LB135DS01 SIPAT-LB135DS01 Datasheet
277Kb / 3P
135.42MHz Low-Loss SAWF 8MHz Bandwidth
logo
Shenzhen Winsemi Microe...
WGW15G120W WINSEMI-WGW15G120W Datasheet
455Kb / 7P
Low Loss IGBT
WGW15G120N WINSEMI-WGW15G120N Datasheet
446Kb / 7P
Low Loss IGBT
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
Low Insertion Loss
logo
TAI-SAW TECHNOLOGY CO.,...
TB0571A TAI-SAW-TB0571A Datasheet
275Kb / 8P
SAW Filter 135.42MHz SMD 7.0횞5.0mm
logo
List of Unclassifed Man...
WGW40G60W ETC2-WGW40G60W Datasheet
446Kb / 7P
Low Loss IGBT
logo
Anaren Microwave
1P503AS ANAREN-1P503AS Datasheet
713Kb / 10P
Low Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
Low Insertion Loss
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com